Electronic Components Datasheet Search
  English  ▼

X  

AD8326ARP Datasheet(PDF) 6 Page - Analog Devices

Part # AD8326ARP
Description  High Output Power Programmable CATV Line Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8326ARP Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8326ARP Datasheet HTML 2Page - Analog Devices AD8326ARP Datasheet HTML 3Page - Analog Devices AD8326ARP Datasheet HTML 4Page - Analog Devices AD8326ARP Datasheet HTML 5Page - Analog Devices AD8326ARP Datasheet HTML 6Page - Analog Devices AD8326ARP Datasheet HTML 7Page - Analog Devices AD8326ARP Datasheet HTML 8Page - Analog Devices AD8326ARP Datasheet HTML 9Page - Analog Devices AD8326ARP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. 0
AD8326
–6–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
DATEN
Data Enable Low Input. This port controls the 8-bit parallel data latch and shift register. A Logic
0-to-1 transition transfers the latched data to the attenuator core (updates the gain) and simulta-
neously inhibits serial data transfer into the register. A 1-to-0 transition inhibits the data latch
(holds the previous gain state) and simultaneously enables the register for serial data load.
2
SDATA
Serial Data Input. This digital input allows for an 8-bit serial (gain) word to be loaded into the
internal register with the MSB (Most Significant Bit) first and ignored.
3
CLK
Clock Input. The clock port controls the serial attenuator data transfer rate to the 8-bit master-
slave register. A Logic 0-to-1 transition latches the data bit and a 1-to-0 transfers the data bit to
the slave. This requires the input serial data word to be valid at or before this clock transition.
4, 28
GND
Common External Ground Reference
5, 9, 10, 19,
VCC
Common Positive External Supply Voltage. A 0.1
µF capacitor must decouple each pin.
20, 23, 27
6
TXEN
Transmit Enable pin. Logic 1 powers up the part.
7
SLEEP
Low Power Sleep Mode. In the Sleep mode, the AD8326’s supply current is reduced to 4 mA. A
Logic 0 powers down the part (High ZOUT State) and a Logic 1 powers up the part.
8, 12, 17
NC
No Connection to these pins.
11, 13, 16, 18,
VEE
Common Negative External Supply Voltage. A 0.1
µF capacitor must decouple each pin.
22, 24
14
OUT–
Negative Output Signal
15
OUT+
Positive Output Signal
21
BYP
Internal Bypass. This pin must be externally ac-coupled (0.1
µF capacitor).
25
VIN+
Noninverting Input. DC-biased to approximately VCC/2. Should be ac-coupled with a
0.1
µF capacitor.
26
VIN–
Inverting Input. DC-biased to approximately VCC/2. Should be ac-coupled with a 0.1
µF capacitor.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD8326
DATEN
GND
SDATA
VCC
CLK
VIN–
GND
VIN+
VCC
VEE
TXEN
VCC
SLEEP
VEE
NC
BYP
VCC
VCC
VCC
VCC
VEE
VEE
NC
NC
VEE
VEE
OUT–
OUT+
NC = NO CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com