Electronic Components Datasheet Search
  English  ▼

X  

AD8326ARP Datasheet(PDF) 23 Page - Analog Devices

Part # AD8326ARP
Description  High Output Power Programmable CATV Line Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8326ARP Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8326ARP Datasheet HTML 16Page - Analog Devices AD8326ARP Datasheet HTML 17Page - Analog Devices AD8326ARP Datasheet HTML 18Page - Analog Devices AD8326ARP Datasheet HTML 19Page - Analog Devices AD8326ARP Datasheet HTML 20Page - Analog Devices AD8326ARP Datasheet HTML 21Page - Analog Devices AD8326ARP Datasheet HTML 22Page - Analog Devices AD8326ARP Datasheet HTML 23Page - Analog Devices AD8326ARP Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
REV. 0
AD8326
–23–
28-Lead PSOP
(RP-28)
28
15
14
1
HEAT SLUG
ON BOTTOM
0.539 (13.69)
0.529 (13.44)
0.711 (18.06)
0.701 (17.81)
0.410 (10.41)
0.400 (10.16)
0.299 (7.59)
0.292 (7.42)
PIN 1
0.189 (4.80)
0.179 (4.55)
0.0125 (0.32)
0.0091 (0.23)
8
0
0.040 (1.27)
0.024 (0.61)
0.016 (0.41)
0.010 (0.25)
45°
SEATING
PLANE
0.004 (0.10)
0.000 (0.00)
0.019 (0.48)
0.014 (0.36)
0.098 (2.49)
0.090 (2.29)
0.050 (1.27)
BSC
STANDOFF
28-Lead HTSSOP
(RE-28)
0.041 (1.05)
0.039 (1.00)
0.031 (0.80)
SEATING
PLANE
0.047
(1.20)
MAX
0.006 (0.15)
0.000 (0.00)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.177 (4.50)
0.173 (4.40)
0.169 (4.30)
28
15
14
1
0.386 (9.80)
0.382 (9.70)
0.378 (9.60)
PIN 1
0.252
(6.40)
BSC
EXPOSED
PAD
ON BOTTOM
0.138 (3.55)
0.136 (3.50)
0.134 (3.45)
0.119 (3.05)
0.117 (3.00)
0.115 (2.95)
0.0079 (0.20)
0.0035 (0.09)
8
0
0.030 (0.75)
0.024 (0.60)
0.177 (0.45)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (mm)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com