Electronic Components Datasheet Search
  English  ▼

X  

AD8326ARP Datasheet(PDF) 11 Page - Analog Devices

Part # AD8326ARP
Description  High Output Power Programmable CATV Line Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8326ARP Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8326ARP Datasheet HTML 7Page - Analog Devices AD8326ARP Datasheet HTML 8Page - Analog Devices AD8326ARP Datasheet HTML 9Page - Analog Devices AD8326ARP Datasheet HTML 10Page - Analog Devices AD8326ARP Datasheet HTML 11Page - Analog Devices AD8326ARP Datasheet HTML 12Page - Analog Devices AD8326ARP Datasheet HTML 13Page - Analog Devices AD8326ARP Datasheet HTML 14Page - Analog Devices AD8326ARP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. 0
AD8326
–11–
Input Bias, Impedance, and Termination
The VIN+ and VIN– inputs have a dc bias level of approxi-
mately 1.47 V below VCC/2, therefore the input signal should
be ac-coupled using 0.1
µF capacitors as seen in the typical
application circuit (see Figure 5).
The differential input impedance of the AD8326 is approxi-
mately 1600
Ω, while the single-ended input is 800 Ω.
Single-Ended Inverting Input
When operating the AD8326 in a single-ended input mode VIN+
and VIN– should be terminated as illustrated in Figure 6. On the
AD8326 evaluation boards, this termination method requires the
removal of R12, R13, R14, R16, R17, and R18. Install a 0
Ω
jumper at R15, an 82.5
Ω resistor at R10 for a 75 Ω system, and a
39.2
Ω resistor at R11 to balance the inputs of the AD8326
evaluation board (Figure 11). Other input impedance configura-
tions may be calculated using the equations in Figure 6.
AD8326
R10
R11
+
–
ZIN = R10||800
R11 = ZIN||R10
VIN–
Figure 6. Single-Ended Input Impedance
The inverting and noninverting inputs of the AD8326 must be
balanced for all input configurations.
Differential Input from Single-Ended Source
The default configuration of the evaluation board implements a
differential signal drive from a single-ended signal source. A
Toko 1:1 transformer is included on the board for this purpose
(T3). Enabling the evaluation board for single to differential
input conversion requires R15–R17 to be removed, and 0
Ω
jumpers must be installed on the placeholders for R13, R14, and
R18. For a 75
Ω input impedance, R12 should be 78.7 Ω. Refer
to Figure 11 for evaluation board schematic. In this configuration,
the input signal must be applied to VIN–. Other input imped-
ances may be calculated using the equation in Figure 7.
VIN–
AD8326
DESIRED IMPEDANCE = R12||1600
R12
Figure 7. Differential Signal from Single-Ended Source
Differential Signal Source
The AD8326 evaluation board is also capable of accepting a
differential input signal. This requires the installation of a 165
Ω
resistor in R12, the removal of R13–R14, R17–R18, and the
installation of 0
Ω jumpers for R15–R16. This configuration
results in a differential input impedance of 150
Ω. Other differ-
ential input impedance configurations may be calculated with
the equation in Figure 8.
VIN+
AD8326
VIN–
R12
DESIRED IMPEDANCE = R12||1600
Figure 8. Differential Input
DATEN
SDATA
CLK
GND1
VCC
TXEN
SLEEP
GND
VCC
VCC
VEE
GND
VEE
VOUT–
GND
VCC
VIN–
VIN+
VEE
VCC
VEE
BYP
VCC
VCC
VEE
GND
VEE
VOUT+
AD8326
VEE
TXEN
DATEN
SDATA
CLK
10 F
0.1 F
0.1 F
0.1 F
TOKO 617DB-A0070
TO DIPLEXER
ZIN = 75
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
165
VIN–
VIN+
ZIN = 150
10 F
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SLEEP
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
Figure 5. Typical Applications Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com