Electronic Components Datasheet Search
  English  ▼

X  

AD8326ARP Datasheet(PDF) 22 Page - Analog Devices

Part # AD8326ARP
Description  High Output Power Programmable CATV Line Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8326ARP Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8326ARP Datasheet HTML 16Page - Analog Devices AD8326ARP Datasheet HTML 17Page - Analog Devices AD8326ARP Datasheet HTML 18Page - Analog Devices AD8326ARP Datasheet HTML 19Page - Analog Devices AD8326ARP Datasheet HTML 20Page - Analog Devices AD8326ARP Datasheet HTML 21Page - Analog Devices AD8326ARP Datasheet HTML 22Page - Analog Devices AD8326ARP Datasheet HTML 23Page - Analog Devices AD8326ARP Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
REV. 0
AD8326
–22–
AD8326 Evaluation Board Rev. B – Revised - November 22, 2000
Qty.
Description
Vendor
Ref Description
2
10
µF 16 V. B Size Tantalum Chip Capacitor
ADS# 4-7-24
C7, C19
4
0.1
µF 50 V. 1206 Size Ceramic Chip Capacitor
ADS# 4-5-18
C20–23
14
0.1
µF 25 V. 603 Size Ceramic Chip Capacitor
ADS# 4-12-8
C4–C6, C8–C18
90
Ω 1/8 W. 1206 Size Chip Resistor
ADS# 3-18- 88
R1–R3, R7, R8, R13, R14,
R18, R19
1
78.7
Ω 1% 1/8 W. 1206 Size Chip Resistor
ADS# 3-18-194
R12
2
Yellow Test Point [INPUTS] (Bisco TP104-01-04)
ADS# 12-18-32
TP13, TP14
6
White Test Point [DATA] (Bisco TP104-0 -09)
ADS# 12-18-42
TP1–TP6
1
Red Test Point [VCC] (Bisco TP104-01-02)
ADS# 12-18-43
TP15
1
Blue Test Point [VEE] (Bisco TP104-01-06)
ADS# 12-18-62
TP7
3
Black Test Point [AGND] (Bisco TP104-01-00)
ADS# 12-18-44
TP16–TP18
4
End Launch SMA Connector
ADS# 12-1-31
VIN–, VIN+, CABLE,
HPF
1
Centronics Type 36 Pin Right-Angle Connector
ADS# 12-3-50
P1
1
3 Terminal Power Block (Green)
ADS# 12-19-14
TB1
1
1:1 Transformer TOKO # 617DB – A0070
TOKO
T3, T1
1
Pulse # CX 6002 Diplexer
PULSE
Z2
1
AD 8326ARE (TSSOP ePad) UPSTREAM Cable Driver
ADI# AD8326XRE
Z1
1
AD 8326ARE REV. B Evaluation PC Board
ADI# AD8326XRE-EVAL
EVAL PCB
4#4–40
× 1/4 Inch STAINLESS Panhead Machine Screw
ADS# 30-1-1
4#4–40
× 3/4 Inch Long Aluminum Round Standoff
ADS# 30-16-3
2# 2–56
× 3/8 inch STAINLESS Panhead Machine Screw
ADS# 30-1-17
(p1 hardware)
2
# 2 Steel Flat Washer
ADS# 30-6-6
(p1 Hardware)
2
# 2 Steel Internal Tooth Lockwasher
ADS# 30-5-2
(p1 Hardware)
2
# 2 STAINLESS STEEL Hex. Machine Nut
ADS# 30-7-6
(p1 Hardware)
Do not install C1–C3, R4–R6, R10, R11, R15–R17, T2, T4, TP8–TP12, W1–W2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com