Electronic Components Datasheet Search
  English  ▼

X  

AD8345 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8345
Description  250 MHz.1000 MHz Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8345 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8345 Datasheet HTML 2Page - Analog Devices AD8345 Datasheet HTML 3Page - Analog Devices AD8345 Datasheet HTML 4Page - Analog Devices AD8345 Datasheet HTML 5Page - Analog Devices AD8345 Datasheet HTML 6Page - Analog Devices AD8345 Datasheet HTML 7Page - Analog Devices AD8345 Datasheet HTML 8Page - Analog Devices AD8345 Datasheet HTML 9Page - Analog Devices AD8345 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
AD8345
–6–
TEMPERATURE – C
–40
0
–50
–20
20
40
60
80
–48
–46
–44
–42
–40
–38
–36
–34
–32
–30
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
VS = 2.7V, DIFFERENTIAL INPUT = 200mV p-p
TPC 7. Carrier Feedthrough vs. Temperature.
(FLO = 800 MHz, LO Level = –2 dBm)
CARRIER FEEDTHROUGH – dBm
AFTER NULLING TO
–65dBm AT +25 C
–86
30
28
26
24
22
20
18
16
14
12
10
8
6
4
2
0
–82
–78
–74
–70
–66
–62
–58
–54
–50
T = +85
T = –40
TPC 8. Carrier Feedthrough Distribution at Temperature
Extremes. After Feedthrough Nulled to <–65 dBm at TA =
25
°C. (FLO = 800 MHz, LO Level = –2 dBm)
LO FREQUENCY – MHz
–30
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
VS = 2.7V, DIFFERENTIAL INPUT = 200mV p-p
1000
–32
–34
–36
–38
–40
–42
–44
–46
–48
–50
950
900
850
800
750
700
650
600
550
500
450
400
350
300
250
TPC 9. Sideband Suppression vs. FLO. (TA = 25
°C,
LO Level = –2 dBm, FBB = 1 MHz, I and Q Inputs
Driven in Quadrature)
BASEBAND FREQUENCY – MHz
–26
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
VS = 2.7V, DIFFERENTIAL INPUT = 200mV p-p
50
–28
–30
–32
–34
–36
–38
–40
–42
–44
45
40
35
30
25
20
15
10
5
0
TPC 10. Sideband Suppression vs. FBB. (TA = 25
°C,
FLO = 800 MHz, LO Level = –2 dBm, I and Q Inputs
Driven in Quadrature)
TEMPERATURE – C
–35
80
–37
–38
–39
–40
–41
–42
–43
–44
–45
60
40
20
0
–20
–40
–36
VS = 2.7V, DIFFERENTIAL INPUT = 200mV p-p
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
TPC 11. Sideband Suppression vs. Temperature.
(FLO = 800 MHz, LO Level = –2 dBm, FBB =1 MHz,
I and Q Inputs Driven in Quadrature)
BASEBAND FREQUENCY – MHz
VS = 2.7V, DIFFERENTIAL INPUT = 200mV p-p
–65
0
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
–60
–55
–50
–45
–40
–35
–30
–25
–20
5
101520253035404550
TPC 12. Third Order Distortion vs. FBB. (TA = 25
°C,
FLO = 800 MHz, LO Level = –2 dBm, I and Q Inputs
Driven in Quadrature)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com