Electronic Components Datasheet Search
  English  ▼

X  

AD8345 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8345
Description  250 MHz.1000 MHz Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8345 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8345 Datasheet HTML 5Page - Analog Devices AD8345 Datasheet HTML 6Page - Analog Devices AD8345 Datasheet HTML 7Page - Analog Devices AD8345 Datasheet HTML 8Page - Analog Devices AD8345 Datasheet HTML 9Page - Analog Devices AD8345 Datasheet HTML 10Page - Analog Devices AD8345 Datasheet HTML 11Page - Analog Devices AD8345 Datasheet HTML 12Page - Analog Devices AD8345 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
AD8345
–9–
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AD8345
QBBP
QBBN
COM3
COM3
VPS2
VOUT
COM2
COM3
IBBP
IBBN
COM3
COM1
LOIN
LOIP
VPS1
ENBL
IP
1
T1
ETC1-1-13
2
3
4
5
LO
R1
50
C6
1000pF
C7
1000pF
IN
C3
1000pF
C4
0.01 F
+VS
QP
QN
C1
1000pF
C2
0.01 F
+VS
VOUT
C5
1000pF
Figure 3. Basic Connections
LO FREQUENCY – MHz
40
–60
60
80
100 120 140 160 180 200 220 240 260 280 300
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
VS = 5V, DIFFERENTIAL INPUT = 1.2V
Figure 4. Typical Lower Frequency Sideband Suppression
Performance
Baseband I and Q Channel Drive
The I and Q channel baseband inputs should be driven differen-
tially. This is convenient as most modern high-speed DACs
have differential outputs. For optimal performance at VS = 5 V,
the drive signal should be a 1.2 V p-p differential signal with a
bias level of 0.7 V; that is, each input should swing from 0.4 V
to 1 V. If the AD8345 is being run on a lower supply voltage,
the peak-to-peak voltage on the I and Q channel inputs must be
reduced to avoid input clipping. For example, at a supply volt-
age of 2.7 V, a 200 mV p-p differential drive is recommended.
This will result in a corresponding reduction in output power
(see TPC 1). The I and Q inputs have a large input bandwidth
of approximately 80 MHz. At lower baseband input levels, the
input bandwidth increases (see TPC 2).
If the baseband signal has a high peak-to-average ratio (e.g.,
CDMA or WCDMA), the rms signal strength will have to be
backed off from this peak level in order to prevent clipping of
the signal peaks. Clipping of signal peaks will tend to increase
signal leakage into adjacent channels. Backing off the I and Q
signal strength in the manner recommended will reduce the output
power by a corresponding amount. This also applies to multicarrier
applications where the per-carrier output power will be lower by
3 dB for each doubling of the number of output carriers.
BASIC CONNECTIONS
The basic connections for operating the AD8345 are shown in
Figure 3. A single power supply of between 2.7 V and 5.5 V is
applied to pins VPS1 and VPS2. A pair of ESD protection diodes
are connected internally between VPS1 and VPS2 so these must
be tied to the same potential. Both pins should be individually
decoupled using 1000 pF and 0.01
µF capacitors, located as
close as possible to the device. For normal operation, the enable
pin, ENBL, must be pulled high. The turn-on threshold for
ENBL is VS/2. Pins COM1 to COM3 should all be tied to the
same low impedance ground plane.
LO Drive
In Figure 3, a 50
Ω resistor to ground combines with the device’s
high input impedance to provide an overall input impedance of
approximately 50
Ω (see TPC 17 for a plot of LO port input
impedance). For maximum LO suppression at the output, a
differential LO drive is recommended. In Figure 3, this is
achieved using a balun (M/A-COM Part Number ETC1-1-13).
The output of the balun is ac coupled to the LO inputs which
have a bias level about 1.8 V dc. An LO drive level of –2 dBm is
recommended for lowest output noise. Higher levels will degrade
linearity while lower levels will tend to increase the noise floor
slightly. For example, reducing the LO power from –2 dBm to
–10 dBm will increase the noise floor by approximately 0.3 dB
(see TPC 19).
The LO terminal can be driven single-ended at the expense of
slightly higher LO leakage. LOIN is ac coupled to ground using
a capacitor and LOIP is driven through a coupling capacitor
from a (single-ended) 50
Ω source (this scheme could also be
reversed with the drive signal being applied to LOIN).
LO Frequency Range
The frequency range on the LO input is limited by the internal
quadrature phase splitter. The phase splitter generates drive
signals for the internal mixers which are 90
° out of phase relative
to one another. Outside of the specified LO frequency range of
250 MHz to 1 GHz, this quadrature accuracy degrades, result-
ing in decreased sideband suppression. See TPC 9 for a plot of
sideband suppression vs. LO frequency from 250 MHz to 1 GHz.
Figure 4 shows the sideband suppression of a typical device
from 50 MHz to 300 MHz. The level of sideband suppression
degradation below 250 MHz will be subject to manufacturing
process variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com