Electronic Components Datasheet Search
  English  ▼

X  

AD8345 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8345
Description  250 MHz.1000 MHz Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8345 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8345 Datasheet HTML 3Page - Analog Devices AD8345 Datasheet HTML 4Page - Analog Devices AD8345 Datasheet HTML 5Page - Analog Devices AD8345 Datasheet HTML 6Page - Analog Devices AD8345 Datasheet HTML 7Page - Analog Devices AD8345 Datasheet HTML 8Page - Analog Devices AD8345 Datasheet HTML 9Page - Analog Devices AD8345 Datasheet HTML 10Page - Analog Devices AD8345 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
AD8345
–7–
TEMPERATURE – C
–45
80
–55
–65
–70
–75
–80
60
40
20
0
–20
–40
–50
–60
VS = 2.7V, DIFFERENTIAL INPUT = 200mV p-p
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
TPC 13. Third Order Distortion vs. Temperature.
(FLO = 800 MHz, LO Level = –2 dBm, FBB =1 MHz,
I and Q Inputs Driven in Quadrature)
BASEBAND DIFFERENTIAL INPUT VOLTAGE – V p-p
–10
SSB POUT
3.0
2.5
2.0
1.5
1.0
0.5
0.0
THIRD ORDER DISTORTION
–15
–20
–25
–30
–35
–40
–45
–50
–55
–70
–60
–6
–2
–4
–8
–10
–12
–14
–16
–18
–20
–26
–65
–22
–24
TPC 14. Third Order Distortion and SSB POUT vs. Base-
band Differential Input Level. (TA = 25
°C, FLO = 800 MHz,
LO Level = –2 dBm, FBB = 1 MHz, VS = 2.7 V)
BASEBAND DIFFERENTIAL INPUT VOLTAGE – V p-p
–5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
–10
–15
–25
–30
–35
–40
–45
–50
–55
–65
–60
–6
–2
–4
–8
–10
–12
–14
–16
–18
–20
–22
–20
–70
0
2
4
THIRD ORDER DISTORTION
SSB POUT
TPC 15. Third Order Distortion and SSB POUT vs. Base-
band Differential Input Level. (TA = 25
°C, FLO = 800 MHz,
LO level = –2 dBm, FBB = 1 MHz, VS = 5 V)
TEMPERATURE – C
–40
0
40
–20
20
40
60
80
45
50
55
60
65
70
75
80
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
VS = 2.7V, DIFFERENTIAL INPUT = 200mV p-p
TPC 16. Power Supply Current vs. Temperature
WITH 50
WITH 100
LOIN NO BALUN
OR TERMINATION
SMITH CHART
NORMALIZED
TO 50
1GHz
1GHz
250MHz
TPC 17. Smith Chart of LOIN Port S11 (LOIP Pin AC-
Coupled to Ground). Curves with Balun and External
Termination Resistors Also Shown. (VS = 5 V,
TA = 25
°C)
FREQUENCY – MHz
0
250
–10
–30
–5
–15
–20
–25
300 350 400 450 500 550 600 650 700 750 800 850 900 9501000
VS = 5V
VS = 2.7V
TPC 18. Return Loss (S22) of VOUT Output (TA = 25
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com