Electronic Components Datasheet Search
  English  ▼

X  

AD8345 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8345
Description  250 MHz.1000 MHz Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8345 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8345 Datasheet HTML 8Page - Analog Devices AD8345 Datasheet HTML 9Page - Analog Devices AD8345 Datasheet HTML 10Page - Analog Devices AD8345 Datasheet HTML 11Page - Analog Devices AD8345 Datasheet HTML 12Page - Analog Devices AD8345 Datasheet HTML 13Page - Analog Devices AD8345 Datasheet HTML 14Page - Analog Devices AD8345 Datasheet HTML 15Page - Analog Devices AD8345 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. 0
AD8345
–14–
CDMA IS95
For measuring ACPR, the I and Q input signals used were
generated with Pilot (Walsh Code 00), Sync (WC 32), Paging
(WC 01), and 6 Traffic (WC 08, 09, 10, 11, 12, 13) channels
active. Figure 14 shows the typical output spectrum for this
configuration.
For performing EVM, Rho, phase, and amplitude balance mea-
surements, the I and Q input signals used were generated with
only the Pilot Channel (Walsh Code 00) active.
–90
–80
–70
–60
–50
–40
–30
–20
–10
–100
–110
CENTER = 880MHz
SPAN = 7.5MHz
CH PWR = –12.41dBm
ACP UP = –72.8dB
ACP LOW = –72.8dB
Figure 14. Typical IS95 Output Spectrum
WCDMA 3GPP
For evaluating the AD8345 for WCDMA, the 3GPP standard
was used with a Chip Rate of 3.84 MHz. The plot in Figure 15
is an ACPR plot of the AD8345 using “Test Model 1” from the
3GPP specification with 64 channels active.
–90
–80
–70
–60
–50
–40
–30
–20
–10
–100
–110
CENTER = 380MHz
SPAN = 14.7MHz
CH PWR = –10.95dBm
ACP UP = –52.51dB
ACP LOW = –52.41dB
Figure 15. Typical AD8345 WCDMA 3GPP Output Spectrum
GSM
For comparing the AD8345 output to the GSM transmit mask I
and Q signals were generated using MSK modulation, GSM
differential coding, a Gaussian filter and a symbol rate of
270.833 kHz. The transmit mask was manually generated on
the FSIQ using the GSM BTS specification for reference. The
plot in Figure 16 shows that the AD8345 meets the GSM trans-
mit mask requirements.
–90
–80
–70
–60
–50
–40
–30
–20
–10
–100
0
CENTER = 900MHz
SPAN = 1MHz
Figure 16. Typical AD8345 GSM Output Spectrum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com