Electronic Components Datasheet Search
  English  ▼

X  

476KXM063M Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 476KXM063M
Description  RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

476KXM063M Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  476KXM063M Datasheet HTML 1Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 2Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 3Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 4Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 5Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 6Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 7Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 8Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MRF6V2150NR1 MRF6V2150NBR1
3
RF Device Data
Freescale Semiconductor
Figure 2. MRF6V2150NR1(NBR1) Test Circuit Schematic — 220 MHz
Z8
0.443″ x 0.170″ Microstrip
Z9
2.360″ x 0.170″ Microstrip
Z10
0.502″ x 0.170″ Microstrip
Z11
0.443″ x 0.082″ Microstrip
PCB
Arlon CuClad 250GX--0300--55--22, 0.030″, εr =2.55
Z1
0.352″ x 0.082″ Microstrip
Z2
0.944″ x 0.082″ Microstrip
Z3
1.480″ x 0.082″ Microstrip
Z4
0.276″ x 0.220″ Microstrip
Z5
0.434″ x 0.220″ Microstrip
Z6, Z7
0.298″ x 0.630″ Microstrip
Z1
RF
INPUT
C12
Z2
Z3
Z4
Z5
Z6
DUT
Z9
C23
RF
OUTPUT
Z10
C5
B1
VBIAS
VSUPPLY
C3
+
C4
C2
+
R1
C18 C19
C17
C20
+
C1
+
C7
C6
B2
Z7
Z11
Z8
B3
C22
C21
R2
L3
C9
C8
C11
C10
C13
L1
L2
C14
C15
C16
Table 6. MRF6V2150NR1(NBR1) Test Circuit Component Designations and Values — 220 MHz
Part
Description
Part Number
Manufacturer
B1, B2
95 Ω, 100 MHz Long Ferrite Beads, Surface Mount
2743021447
Fair--Rite
B3
47 Ω, 100 MHz Short Ferrite Bead, Surface Mount
2743019447
Fair--Rite
C1
47 μF, 50 V Electrolytic Capacitor
476KXM063M
Illinois Capacitor
C2
22 μF, 35 V Tantalum Chip Capacitor
T494X226K035AT
Kemet
C3
10 μF, 35 V Tantalum Chip Capacitor
T491D106K035AT
Kemet
C4, C17
39 K pF Chip Capacitors
ATC200B393KT50XT
ATC
C5, C18
22 K pF Chip Capacitors
ATC200B203KT50XT
ATC
C6,C11,C19
0.1 μF, 50 V Chip Capacitors
CDR33BX104AKYS
Kemet
C7, C8, C15, C16
2.2 μF, 50 V Chip Capacitors
C1825C225J5RAC
Kemet
C9, C12, C14, C23
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
C10
220 nF Chip Capacitor
C1812C224K5RAC
Kemet
C13
75 pF Chip Capacitor
ATC100B750JT500XT
ATC
C20
470 μF, 63 V Electrolytic Capacitor
ESME630ELL471MK25S
United Chemi--Con
C21
30 pF Chip Capacitor
ATC100B300JT500XT
ATC
C22
33 pF Chip Capacitor
ATC100B330JT500XT
ATC
L1
4 Turn #18 AWG, 0.18″ ID
None
None
L2
82 nH Inductor
1812SMS--82NJL
Coilcraft
L3
17.5 nH Inductor
B06TJL
Coilcraft
R1
270 Ω, 1/4 W Chip Resistor
CRCW12062700FKEA
Vishay
R2
27 Ω, 1/4 W Chip Resistor
CRCW12064R75FKEA
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com