Electronic Components Datasheet Search
  English  ▼

X  

476KXM063M Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 476KXM063M
Description  RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

476KXM063M Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 476KXM063M Datasheet HTML 4Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 5Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 6Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 7Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 8Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 9Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 10Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 11Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
RF Device Data
Freescale Semiconductor
MRF6V2150NR1 MRF6V2150NBR1
Figure 15. MRF6V2150NR1(NBR1) Test Circuit Component Layout — 27 MHz
C14
27 MHz
272--WB
C15
B1
C6
B2
C7
C8
L3*, R3*, **
T1
L1
C9
C10
C11
C12
C13
L4*, R4*, **
C1
L2*
C2
C3
R1, R2
C5
T2
C4
C16
C17
C18
C20
B3
C19
Rev. 1
Table 7. MRF6V2150NR1(NBR1) Test Circuit Component Designations and Values — 27 MHz
Part
Description
Part Number
Manufacturer
B1, B3
95 Ω, 100 MHz Long Ferrite Beads
2743021447
Fair--Rite
B2
47 Ω, 100 MHz Short Ferrite Bead
2743019447
Fair--Rite
C1, C4, C5, C16
100 pF Chip Capacitors
ATC100B101JT500XT
ATC
C2
620 pF Chip Capacitor
ATC100B621JT200XT
ATC
C3
1000 pF Chip Capacitor
ATC100B102JT50XT
ATC
C6
2.2 μF, 50 V Chip Capacitor
C1825C225J5RAC--TU
Kemet
C7
0.1 μF Chip Capacitor
CDR33BX104AKYS
Kemet
C8
0.22 μF, 50 V Chip Capacitor
C1812C224K5RAC--TU
Kemet
C9, C12
22K pF Chip Capacitors
ATC200B223KT50XT
ATC
C10, C18
0.01 μF, 100 V Chip Capacitors
C1825C103K1GAC--TU
Kemet
C11, C19
0.1 pF Chip Capacitors
ATC100B0R1BT500XT
ATC
C13, C17
39K pF Chip Capacitors
ATC200B393KT50XT
ATC
C14
22 μF, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C15
10 μF, 35 V Tantalum Capacitor
T491D106K035AT
Kemet
C20
470 μF, 63 V Electrolytic Capacitor
MCGPR63V477M13X26--RH
Multicomp
L1
47 nH Inductor
1812SMS--47NJ
Coilcraft
L2*
9 Turn, #16 AWG, Inductor, Hand Wound, 0.250″ ID
Copper Wire
L3*
10 Turn, #16 AWG, Inductor, Hand Wound, 0.375″ ID
Copper Wire
L4*
9 Turn, #16 AWG, Inductor, Hand Wound, 0.375″ ID
Copper Wire
R1, R2
3.3 Ω, 1/2 W Chip Resistors
RK73B2ETTD3R3J
KOA
R3*, **
1KΩ, 1/4 W Resistor
MCCFR0W4J0102A50
Multicomp
R4*, **
510 Ω, 1/2 W Resistor
MCRC1/2G511JT--RH
Multicomp
T1
RF600 Transformer 16:1 Impedance Ratio
RF600LF--16
Comm Concepts
T2
RF1000 Transformer 9:1 Impedance Ratio
RF1000LF--9
Comm Concepts
* Leaded components mounted over traces.
** Resistor is mounted at center of inductor coil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com