Electronic Components Datasheet Search
  English  ▼

X  

476KXM063M Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 476KXM063M
Description  RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

476KXM063M Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  476KXM063M Datasheet HTML 1Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 2Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 3Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 4Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 5Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 6Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 7Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 8Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MRF6V2150NR1 MRF6V2150NBR1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
50
1
1000
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 4. Capacitance versus Drain--Source Voltage
30
Ciss
1
100
1
TC =25°C
10
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 5. DC Safe Operating Area
40
5
0
DRAIN VOLTAGE (VOLTS)
20
120
Figure 6. DC Drain Current versus Drain Voltage
60
21
25
1
23
22
26
Pout, OUTPUT POWER (WATTS) CW
Figure 7. CW Power Gain versus Output Power
VDD =50 Vdc
f = 220 MHz
100
10
40
100
24
VGS =3 V
Coss
Crss
80
100
2.75 V
2.63 V
2.5 V
2.25 V
27
100
--60
--10
5
Pout, OUTPUT POWER (WATTS) PEP
--25
--30
--35
--40
10
100
Figure 8. Third Order Intermodulation Distortion
versus Output Power
VDD = 50 Vdc, f1 = 220 MHz, f2 = 220.1 MHz
Two--Tone Measurements, 100 kHz Tone Spacing
--45
--50
32
48
58
22
26
24
56
54
52
50
Pin, INPUT POWER (dBm)
Figure 9. CW Output Power versus Input Power
28
30
P3dB = 52.61 dBm (182.39 W)
Actual
Ideal
P1dB = 52.27 dBm (168.66 W)
VDD =50 Vdc,IDQ = 450 mA
f = 220 MHz
200
3
2
1
0
10
200
563 mA
IDQ = 675 mA
IDQ = 225 mA
336 mA
Measured with ±30 mV(rms)ac @ 1 MHz
VGS =0 Vdc
4
450 mA
337 mA
225 mA
--55
--15
--20
450 mA
563 mA
685 mA
900 mA
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com