Electronic Components Datasheet Search
  English  ▼

X  

476KXM063M Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 476KXM063M
Description  RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

476KXM063M Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  476KXM063M Datasheet HTML 1Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 2Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 3Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 4Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 5Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 6Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 7Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 8Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
RF Device Data
Freescale Semiconductor
MRF6V2150NR1 MRF6V2150NBR1
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
°C
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
—
—
2.5
mA
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
—
—
50
μAdc
Drain--Source Breakdown Voltage
(ID =75 mA, VGS =0 Vdc)
V(BR)DSS
110
—
—
Vdc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
10
μAdc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID = 400 μAdc)
VGS(th)
1
1.62
3
Vdc
Gate Quiescent Voltage
(VDD =50 Vdc, ID = 450 mAdc, Measured in Functional Test)
VGS(Q)
1.5
2.6
3.5
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =1 Adc)
VDS(on)
—
0.26
—
Vdc
Dynamic Characteristics
Reverse Transfer Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
1.6
—
pF
Output Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
93
—
pF
Input Capacitance
(VDS =50 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
—
163
—
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 450 mA, Pout = 150 W, f = 220 MHz, CW
Power Gain
Gps
23.5
25
26.5
dB
Drain Efficiency
ηD
66
68.3
—
%
Input Return Loss
IRL
—
--17
--9
dB
Typical Performances (In Freescale 27 MHz and 450 MHz Test Fixtures, 50 ohm system) VDD =50 Vdc, IDQ = 450 mA, Pout = 150 W CW
Power Gain
f = 27 MHz
f = 450 MHz
Gps
—
—
32.3
22.9
—
—
dB
Drain Efficiency
f = 27 MHz
f = 450 MHz
ηD
—
—
78.7
57.6
—
—
%
Input Return Loss
f = 27 MHz
f = 450 MHz
IRL
—
—
--10.6
--17.6
—
—
dB
ATTENTION: The MRF6V2150N and MRF6V2150NB are high power devices and special considerations
must be followed in board design and mounting. Incorrect mounting can lead to internal temperatures which
exceed the maximum allowable operating junction temperature. Refer to Freescale Application Note AN3263
(for bolt down mounting) or AN1907 (for solder reflow mounting) PRIOR TO STARTING SYSTEM DESIGN to
ensure proper mounting of these devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com