Electronic Components Datasheet Search
  English  ▼

X  

476KXM063M Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 476KXM063M
Description  RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

476KXM063M Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 476KXM063M Datasheet HTML 10Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 11Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 12Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 13Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 14Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 15Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 16Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 17Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 18Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
MRF6V2150NR1 MRF6V2150NBR1
17
RF Device Data
Freescale Semiconductor
PRODUCT DOCUMENTATION AND SOFTWARE
Refer to the following documents to aid your design process.
Application Notes
• AN1907: Solder Reflow Attach Method for High Power RF Devices in Plastic Packages
• AN1955: Thermal Measurement Methodology of RF Power Amplifiers
• AN3263: Bolt Down Mounting Method for High Power RF Transistors and RFICs in Over--Molded Plastic Packages
Engineering Bulletins
• EB212: Using Data Sheet Impedances for RF LDMOS Devices
Software
• Electromigration MTTF Calculator
• RF High Power Model
For Software, do a Part Number search at http://www.freescale.com, and select the “Part Number” link. Go to the Software &
Tools tab on the part’s Product Summary page to download the respective tool.
REVISION HISTORY
The following table summarizes revisions to this document.
Revision
Date
Description
0
Feb. 2007
• Initial Release of Data Sheet
1
May 2007
• Corrected Test Circuit Component part numbers in Table 6, Component Designations and Values for C4,
C17, C5, C18, C9, C12, C14, C23, C13, C21, and C22, p. 3
2
Apr. 2008
• Added Case Operating Temperature limit to the Maximum Ratings table and set limit to 150°C, p. 1
• Corrected Ciss test condition to indicate AC stimulus on the VGS connection versus the VDS connection,
Dynamic Characteristics table, p. 2
• Updated PCB information to show more specific material details, Fig. 2, Test Circuit Schematic, p. 3
• Updated Part Numbers in Table 6, Component Designations and Values, to latest RoHS compliant part
numbers, p. 3
• Replaced Case Outline 1486--03, Issue C, with 1486--03, Issue D, p. 8--10. Added pin numbers 1 through 4
on Sheet 1.
• Replaced Case Outline 1484--04, Issue D, with 1484--04, Issue E, p. 11--13. Added pin numbers 1 through
4 on Sheet 1, replacing Gate and Drain notations with Pin 1 and Pin 2 designations.
3
Dec. 2008
• Added Typical Performances table for 27 MHz, 450 MHz applications, p. 2
• Added Figs. 15 and 16, Test Circuit Component Layout -- 27 MHz and 450 MHz, and Tables 7 and 8, Test
Circuit Component Designations and Values -- 27 MHz and 450 MHz, p. 8, 9
• Added Fig. 17, Series Equivalent Source and Load Impedance for 27 MHz, 450 MHz, p. 10
4
Apr. 2010
• Operating Junction Temperature increased from 200°C to 225°C in Maximum Ratings table, related
“Continuous use at maximum temperature will affect MTTF” footnote added and changed 200°C to 225°C
in Capable Plastic Package bullet, p. 1
• Added Electromigration MTTF Calculator and RF High Power Model availability to Product Software,
p. 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com