Electronic Components Datasheet Search
  English  ▼

X  

AD8605 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8605
Description  Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8605 Datasheet HTML 2Page - Analog Devices AD8605 Datasheet HTML 3Page - Analog Devices AD8605 Datasheet HTML 4Page - Analog Devices AD8605 Datasheet HTML 5Page - Analog Devices AD8605 Datasheet HTML 6Page - Analog Devices AD8605 Datasheet HTML 7Page - Analog Devices AD8605 Datasheet HTML 8Page - Analog Devices AD8605 Datasheet HTML 9Page - Analog Devices AD8605 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8605/AD8606/AD8608
Rev. D | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND to VS
Differential Input Voltage
6 V
Output Short-Circuit Duration
to GND
Observe Derating Curves
Storage Temperature Range
All Packages
−65°C to +150°C
Operating Temperature Range
AD8605/AD8606/AD8608
−40°C to +125°C
Junction Temperature Range
All Packages
−65°C to +150°C
Lead Temperature Range
(Soldering, 60 sec)
300°C
Table 4. Package Type
Package Type
θJA1
θJC
Unit
5-Bump MicroCSP (CB)
220
220
°C/W
5-Lead SOT-23 (RT)
230
92
°C/W
8-Lead MSOP (RM)
210
45
°C/W
8-Lead SOIC (R)
158
43
°C/W
14-Lead SOIC (R)
120
36
°C/W
14-Lead TSSOP (RU)
180
35
°C/W
1 θJA is specified for worst-case conditions, i.e., θJA is specified for device in
socket for PDIP packages;
θJA is specified for device soldered onto a circuit
board for surface-mount packages.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com