Electronic Components Datasheet Search
  English  ▼

X  

AD8605 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8605
Description  Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8605 Datasheet HTML 7Page - Analog Devices AD8605 Datasheet HTML 8Page - Analog Devices AD8605 Datasheet HTML 9Page - Analog Devices AD8605 Datasheet HTML 10Page - Analog Devices AD8605 Datasheet HTML 11Page - Analog Devices AD8605 Datasheet HTML 12Page - Analog Devices AD8605 Datasheet HTML 13Page - Analog Devices AD8605 Datasheet HTML 14Page - Analog Devices AD8605 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8605/AD8606/AD8608
Rev. D | Page 11 of 20
1800
1600
0
800
600
400
200
1200
1000
1400
OFFSET VOLTAGE (
µV)
300
–200
–100
200
–300
VS = 2.7V
TA = 25°C
VCM = 0V TO 2.7V
0
100
Figure 31. Input Offset Voltage Distribution
COMMON-MODE VOLTAGE (V)
300
200
–300
0
2.7
100
0
–200
–100
1.8
0.9
0
VS = 2.7V
TA = 25°C
Figure 32. Input Offset Voltage vs. Common-Mode Voltage
(200 Units, 5 Wafer Lots, Including Process Skews)
LOAD CURRENT (mA)
1k
10
0.1
0.001
10
0.01
0.1
1
100
1
SOURCE
SINK
VS = 2.7V
TA = 25°C
Figure 33. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
2.680
2.675
2.650
5
20
125
50
35
65
80
95
110
2.665
2.655
2.670
2.660
–10
–25
–40
VS = 2.7V
VOH @ 1mA LOAD
Figure 34. Output Voltage Swing vs. Temperature
0.045
0.025
0
0.035
0.015
0.005
0.030
0.040
0.020
0.010
TEMPERATURE (°C)
5
20
125
50
35
65
80
95
110
–10
–25
–40
VS = 2.7V
VOH @ 1mA LOAD
Figure 35. Output Voltage Swing vs. Temperature
FREQUENCY (Hz)
10k
100M
100k
100
80
–100
60
40
20
0
–20
–40
–60
–80
225
180
–225
135
90
45
0
–45
–90
–135
–180
1M
10M
VS = ±1.35V
RL = 2kΩ
CL = 20pF
fM = 52.5°
Figure 36. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com