Electronic Components Datasheet Search
  English  ▼

X  

AD8605 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8605
Description  Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8605 Datasheet HTML 5Page - Analog Devices AD8605 Datasheet HTML 6Page - Analog Devices AD8605 Datasheet HTML 7Page - Analog Devices AD8605 Datasheet HTML 8Page - Analog Devices AD8605 Datasheet HTML 9Page - Analog Devices AD8605 Datasheet HTML 10Page - Analog Devices AD8605 Datasheet HTML 11Page - Analog Devices AD8605 Datasheet HTML 12Page - Analog Devices AD8605 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8605/AD8606/AD8608
Rev. D | Page 9 of 20
FREQUENCY (Hz)
140
80
–60
1k
10M
10k
100k
1M
40
0
–40
100
120
60
20
–20
VS = 5V
Figure 19. PSRR vs. Frequency
CAPACITANCE (pF)
45
40
0
10
1k
100
35
30
10
25
20
15
5
VS = 5V
RL =
TA = 25°C
AV = 1
+OS
–OS
Figure 20. Small Signal Overshoot vs. Load Capacitance
TEMPERATURE (°C)
2.0
–1.5
1.0
1.5
0.5
–1.0
–0.5
0
–50
125
–35
–20
95
110
520
35
50
65
80
VS = 2.7V
VS = 5V
Figure 21. Supply Current vs. Temperature
SUPPLY VOLTAGE (V)
1.0
0.4
0
0.9
0.5
0.3
0.1
0.7
0.6
0.2
0.8
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Figure 22. Supply Current vs. Supply Voltage
TIME (1s/DIV)
VS = 5V
Figure 23. 0.1 Hz to 10 Hz Input Voltage Noise
TIME (200ns/DIV)
VS = ±2.5V
RL = 10kΩ
CL = 200pF
AV = 1
Figure 24. Small Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com