Electronic Components Datasheet Search
  English  ▼

X  

AD8605 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8605
Description  Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605 Datasheet(HTML) 1 Page - Analog Devices

  AD8605 Datasheet HTML 1Page - Analog Devices AD8605 Datasheet HTML 2Page - Analog Devices AD8605 Datasheet HTML 3Page - Analog Devices AD8605 Datasheet HTML 4Page - Analog Devices AD8605 Datasheet HTML 5Page - Analog Devices AD8605 Datasheet HTML 6Page - Analog Devices AD8605 Datasheet HTML 7Page - Analog Devices AD8605 Datasheet HTML 8Page - Analog Devices AD8605 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision Low Noise CMOS Rail-to-Rail
Input/Output Operational Amplifiers
AD8605/AD8606/AD8608
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 65 µV maximum
Low input bias currents: 1 pA maximum
Low noise: 8 nV/√Hz
Wide bandwidth: 10 MHz
High open-loop gain: 120 dB
Unity gain stable
Single-supply operation: 2.7 V to 5.5 V
MicroCSP™
GENERAL DESCRIPTION
The AD8605, AD8606, and AD86081 are single, dual, and quad
rail-to-rail input and output, single-supply amplifiers. They
feature very low offset voltage, low input voltage and current
noise, and wide signal bandwidth. They use Analog Devices’
patented DigiTrim® trimming technique, which achieves
superior precision without laser trimming.
The combination of low offsets, low noise, very low input bias
currents, and high speed makes these amplifiers useful in a
wide variety of applications. Filters, integrators, photodiode
amplifiers, and high impedance sensors all benefit from the
combination of performance features. Audio and other ac
applications benefit from the wide bandwidth and low
distortion. Applications for these amplifiers include optical
control loops, portable and loop-powered instrumentation,
and audio amplification for portable devices.
The AD8605, AD8606, and AD8608 are specified over the
extended industrial temperature range (−40°C to +125°C). The
AD8605 single is available in the 5-lead SOT-23 and 5-bump
MicroCSP packages. The 5-bump MicroCSP offers the smallest
available footprint for any surface-mount operational amplifier.
The AD8606 dual is available in an 8-lead MSOP package and a
narrow SOIC surface-mount package. The AD8608 quad is
available in a 14-lead TSSOP and a narrow 14-lead SOIC
package. MicroCSP, SOT, MSOP, and TSSOP versions are
available in tape and reel only.
1 Protected by U.S. Patent No. 5,969,657; other patents pending.
APPLICATIONS
Photodiode amplification
Battery-powered instrumentation
Multipole filters
Sensors
Barcode scanners
Audio
FUNCTIONAL BLOCK DIAGRAMS
1
2
3
5
4 –IN
+IN
V+
OUT
AD8605
V–
1
2
3
4
8
7
6
5
AD8608
–IN A
V–
+IN A
OUT B
–IN B
V+
+IN B
OUT A
Figure 1. 5-Lead SOT-23 (RT Suffix)
Figure 2. 8-Lead SOIC (R Suffix)
AD8605 ONLY
OUT
V+
V–
+IN
–IN
1
3
5
4
2
TOP VIEW
(BUMP SIDE DOWN)
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT A
AD8608
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Figure 3. 5-Bump MicroCSP
(CB Suffix)
Figure 4. 14-Lead SOIC (R Suffix)
–IN A
+IN A
V–
OUT B
–IN B
+IN B
V+
18
AD8606
OUT A
45
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
–IN D
+IN D
V–
OUT D
–IN C
OUT C
+IN C
14
8
1
7
AD8608
Figure 5. 8-Lead MSOP (RM Suffix)
Figure 6. 14-Lead TSSOP (RU Suffix)


Similar Part No. - AD8605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8605 AD-AD8605 Datasheet
248Kb / 5P
Technical Article
AD8605 AD-AD8605 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8605 AD-AD8605 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
AD8605 AD-AD8605 Datasheet
395Kb / 6P
Tape and Reel Packaging
More results

Similar Description - AD8605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
AD8613 AD-AD8613 Datasheet
333Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
1/06-Rev. A to Rev. B
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
AD8603 AD-AD8603 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
Rohm
BD728X-LB ROHM-BD728X-LB Datasheet
1Mb / 23P
Low Noise Rail-to-Rail Input/Output High Speed CMOS Operational Amplifiers
03.Mar.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com