Electronic Components Datasheet Search
  English  ▼

X  

AD8605 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8605
Description  Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8605 Datasheet HTML 3Page - Analog Devices AD8605 Datasheet HTML 4Page - Analog Devices AD8605 Datasheet HTML 5Page - Analog Devices AD8605 Datasheet HTML 6Page - Analog Devices AD8605 Datasheet HTML 7Page - Analog Devices AD8605 Datasheet HTML 8Page - Analog Devices AD8605 Datasheet HTML 9Page - Analog Devices AD8605 Datasheet HTML 10Page - Analog Devices AD8605 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8605/AD8606/AD8608
Rev. D | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
OFFSET VOLTAGE (mV)
4500
4000
0
2000
1500
1000
500
3000
2500
3500
300
–200
–100
0
100
200
–300
VS = 5V
TA = 25°C
VCM = 0V TO 5V
Figure 7. Input Offset Voltage Distribution
TCVOS (mV/°C)
12
0
4.8
0.4
0.8
1.6
2.4
3.2
4.0
16
8
4
24
20
4.4
VS = 5V
TA = –40°C TO +125°C
VCM = 2.5V
0
1.2
2.0
2.8
3.6
Figure 8. AD8608 Input Offset Voltage Drift Distribution
TCVOS (mV/°C)
20
10
0
2.6
0.2
0.4 0.6
0.8 1.0
1.2 1.4 1.6
1.8 2.0
14
6
2
2.2
2.4
12
16
8
4
18
0
VS = 5V
TA = –40°C TO +125°C
VCM = 2.5V
Figure 9. AD8605/AD8606 Input Offset Voltage Drift Distribution
300
200
–300
100
0
–200
–100
VS = 5V
TA = 25°C
COMMON-MODE VOLTAGE (V)
Figure 10. Input Offset Voltage vs. Common-Mode Voltage
(200 Units, 5 Wafer Lots, Including Process Skews)
TEMPERATURE (°C)
360
160
0
0
125
25
50
75
100
240
80
200
280
120
40
320
AD8605/AD8606
AD8608
VS = ±2.5V
Figure 11. Input Bias Current vs. Temperature
LOAD CURRENT (mA)
1k
10
0.1
0.001
10
0.01
0.1
1
100
1
SINK
SOURCE
VS = 5V
TA = 25°C
Figure 12. Output Voltage to Supply Rail vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com