Electronic Components Datasheet Search
  English  ▼

X  

OP27 Datasheet(PDF) 6 Page - Analog Devices

Part # OP27
Description  Low-Noise, Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP27 Datasheet HTML 2Page - Analog Devices OP27 Datasheet HTML 3Page - Analog Devices OP27 Datasheet HTML 4Page - Analog Devices OP27 Datasheet HTML 5Page - Analog Devices OP27 Datasheet HTML 6Page - Analog Devices OP27 Datasheet HTML 7Page - Analog Devices OP27 Datasheet HTML 8Page - Analog Devices OP27 Datasheet HTML 9Page - Analog Devices OP27 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
–6–
OP27
OP27N
OP27G
OP27GR
Parameter
Symbol
Conditions
Typical
Typical
Typical
Unit
AVERAGE INPUT OFFSET
VOLTAGE DRIFT
*
TCVOS or
Nulled or Unnulled
0.2
0.3
0.4
µV/°C
TCVOSn
RP = 8 k
Ω to 20 kΩ
AVERAGE INPUT OFFSET
CURRENT DRIFT
TCIOS
80
130
180
pA/
°C
AVERAGE INPUT BIAS
CURRENT DRIFT
TCIB
100
160
200
pA/
°C
INPUT NOISE VOLTAGE
DENSITY
en
fO = 10 Hz
3.5
3.5
3.8
nV/
√Hz
en
fO = 30 Hz
3.1
3.1
3.3
nV/
√Hz
en
fO = 1000 Hz
3.0
3.0
3.2
nV/
√Hz
INPUT NOISE CURRENT
DENSITY
in
fO = 10 Hz
1.7
1.7
1.7
pA/
√Hz
in
fO = 30 Hz
1.0
1.0
1.0
pA/
√Hz
in
fO = 1000 Hz
0.4
0.4
0.4
pA/
√Hz
INPUT NOISE VOLTAGE
enp-p
0.1 Hz to 10 Hz
0.08
0.08
0.09
µV p-p
SLEW RATE
SR
RL
≥ 2 kΩ
2.8
2.8
2.8
V/
µs
GAIN BANDWIDTH
PRODUCT
GBW
8
8
8
MHz
NOTE
*Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power.
TYPICAL ELECTRICAL CHARACTERISTICS (@ V
S =
±15 V, TA = 25 C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com