Electronic Components Datasheet Search
  English  ▼

X  

OP27 Datasheet(PDF) 10 Page - Analog Devices

Part # OP27
Description  Low-Noise, Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP27 Datasheet HTML 6Page - Analog Devices OP27 Datasheet HTML 7Page - Analog Devices OP27 Datasheet HTML 8Page - Analog Devices OP27 Datasheet HTML 9Page - Analog Devices OP27 Datasheet HTML 10Page - Analog Devices OP27 Datasheet HTML 11Page - Analog Devices OP27 Datasheet HTML 12Page - Analog Devices OP27 Datasheet HTML 13Page - Analog Devices OP27 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
OP27
–10–
TOTAL SUPPLY VOLTAGE – V
2.5
010
40
20
30
TA = 25 C
50
2.0
1.5
1.0
0.5
0
RL = 2k
RL = 1k
TPC 19. Open-Loop Voltage Gain vs.
Supply Voltage
CAPACITIVE LOAD – pF
80
60
0
0
500
2000
1000
1500
40
20
VS = 15V
VIN = 100mV
AV = +1
100
2500
TPC 22. Small-Signal Overshoot vs.
Capacitive Load
TIME FROM OUTPUT SHORTED TO
GROUND – Min
60
01
4
23
5
50
40
30
20
10
TA = 25 C
VS = 15V
ISC(+)
ISC(–)
TPC 25. Short-Circuit Current vs.
Time
FREQUENCY – Hz
28
1k
10k
100k
1M
24
20
16
12
8
4
0
TA = 25 C
VS = 15V
10M
TPC 20. Maximum Output Swing vs.
Frequency
20mV
500ns
50mV
0V
–50mV
AVCL = +1
CL = 15pF
VS = 15V
TA = 25 C
TPC 23. Small-Signal Transient
Response
FREQUENCY – Hz
140
1k
120
100
80
60
10k
100k
1M
100
VS = 15V
TA = 25 C
VCM = 10V
TPC 26. CMRR vs. Frequency
LOAD RESISTANCE –
18
100
1k
10k
16
14
12
10
8
6
4
2
0
–2
TA = 25 C
VS = 15V
POSITIVE
SWING
NEGATIVE
SWING
TPC 21. Maximum Output Voltage
vs. Load Resistance
2V
2 s
+5V
0V
–5V
AVCL = +1
VS = 15V
TA = 25 C
TPC 24. Large-Signal Transient
Response
SUPPLY VOLTAGE – V
16
0
5
12
8
4
0
–4
10
15
20
–8
–12
–16
TA = –55 C
TA = +125 C
TA = +25 C
TA = +25 C
TA = –55 C
TA = +125 C
TPC 27. Common-Mode Input Range
vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com