Electronic Components Datasheet Search
  English  ▼

X  

OP27 Datasheet(PDF) 8 Page - Analog Devices

Part # OP27
Description  Low-Noise, Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP27 Datasheet HTML 4Page - Analog Devices OP27 Datasheet HTML 5Page - Analog Devices OP27 Datasheet HTML 6Page - Analog Devices OP27 Datasheet HTML 7Page - Analog Devices OP27 Datasheet HTML 8Page - Analog Devices OP27 Datasheet HTML 9Page - Analog Devices OP27 Datasheet HTML 10Page - Analog Devices OP27 Datasheet HTML 11Page - Analog Devices OP27 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
OP27
–8–
FREQUENCY – Hz
100
0.01
90
80
70
60
50
0.1
1
10
100
40
30
TEST TIME OF 10sec FURTHER
LIMITS LOW FREQUENCY
(<0.1Hz) GAIN
TPC 1. 0.1 Hz to 10 Hzp-p Noise Tester
Frequency Response
BANDWIDTH – Hz
10
100k
1
0.1
0.01
100
1k
10k
TA = 25 C
VS = 15V
TPC 4. Input Wideband Voltage
Noise vs. Bandwidth (0.1 Hz to
Frequency Indicated)
TOTAL SUPPLY VOLTAGE (V+ – V–) – V
5
4
1
010
40
20
30
3
2
TA = 25 C
AT 10Hz
AT 1kHz
TPC 7. Voltage Noise Density vs.
Supply Voltage
–Typical Performance Characteristics
FREQUENCY – Hz
10
1
TA = 25 C
VS = 15V
9
8
7
6
5
4
3
2
1
10
100
1k
I/F CORNER = 2.7Hz
TPC 2. Voltage Noise Density vs.
Frequency
SOURCE RESISTANCE –
100
1
10k
100
1k
10
TA = 25 C
VS = 15V
R2
R1
RS – 2R1
AT 1kHz
AT 10Hz
RESISTOR NOISE ONLY
TPC 5. Total Noise vs. Sourced
Resistance
FREQUENCY – Hz
10.0
0.1
10
10k
1.0
100
1k
I/F CORNER = 140Hz
TPC 8. Current Noise Density vs.
Frequency
FREQUENCY – Hz
100
1
1
10
100
1k
10
LOW NOISE
AUDIO OP AMP
INSTRUMENTATION
RANGE TO DC
AUDIO RANGE
TO 20kHz
I/F CORNER
741
OP27
I/F CORNER
I/F CORNER =
2.7Hz
TPC 3. A Comparison of Op Amp
Voltage Noise Spectra
TEMPERATURE – C
5
–50
–25
0
25
50
75
100
125
4
3
2
1
AT 10Hz
AT 1kHz
VS = 15V
TPC 6. Voltage Noise Density vs.
Temperature
TOTAL SUPPLY VOLTAGE – V
5.0
5
TA = +125 C
4.0
3.0
2.0
1.0
15
25
35
45
TA = +25 C
TA = –55 C
TPC 9. Supply Current vs. Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com