Electronic Components Datasheet Search
  English  ▼

X  

OP27 Datasheet(PDF) 11 Page - Analog Devices

Part # OP27
Description  Low-Noise, Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP27 Datasheet HTML 7Page - Analog Devices OP27 Datasheet HTML 8Page - Analog Devices OP27 Datasheet HTML 9Page - Analog Devices OP27 Datasheet HTML 10Page - Analog Devices OP27 Datasheet HTML 11Page - Analog Devices OP27 Datasheet HTML 12Page - Analog Devices OP27 Datasheet HTML 13Page - Analog Devices OP27 Datasheet HTML 14Page - Analog Devices OP27 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. A
–11–
OP27
OP12
OP27
D.U.T.
100k
4.3k
4.7 F
2k
24.3k
VOLTAGE
GAIN
= 50,000
2.2 F
22 F
110k
SCOPE
1
RIN = 1M
0.1 F
10
100k
0.1 F
TPC 28. Voltage Noise Test Circuit
(0.1 Hz to 10 Hz)
LOAD RESISTANCE –
2.4
100
1k
10k
100k
TA = 25 C
VS = 15V
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
TPC 29. Open-Loop Voltage Gain vs.
Load Resistance
1 SEC/DIV
120
80
40
0
–40
–90
–120
0.1Hz to 10Hz p-p NOISE
TPC 30. Low-Frequency Noise
APPLICATION INFORMATION
OP27 series units may be inserted directly into 725 and OP07
sockets with or without removal of external compensation or
nulling components. Additionally, the OP27 may be fitted to
unnulled 741-type sockets; however, if conventional 741 nulling
circuitry is in use, it should be modified or removed to ensure
correct OP27 operation. OP27 offset voltage may be nulled to
zero (or another desired setting) using a potentiometer (see
Offset Nulling Circuit).
The OP27 provides stable operation with load capacitances of
up to 2000 pF and
±10 V swings; larger capacitances should be
decoupled with a 50
Ω resistor inside the feedback loop. The
OP27 is unity-gain stable.
Thermoelectric voltages generated by dissimilar metals at the
input terminal contacts can degrade the drift performance. Best
operation will be obtained when both input contacts are main-
tained at the same temperature.
OFFSET VOLTAGE ADJUSTMENT
The input offset voltage of the OP27 is trimmed at wafer level.
However, if further adjustment of VOS is necessary, a 10 k
Ω trim
potentiometer can be used. TCVOS is not degraded (see Offset
Nulling Circuit). Other potentiometer values from 1 k
Ω to 1 MΩ
can be used with a slight degradation (0.1
µV/°C to 0.2 µV/°C)
of TCVOS. Trimming to a value other than zero creates a drift of
approximately (VOS/300)
µV/°C. For example, the change in
TCVOS will be 0.33
µV/°C if VOS is adjusted to 100 µV. The
offset voltage adjustment range with a 10 k
Ω potentiometer is
±4 mV. If smaller adjustment range is required, the nulling
sensitivity can be reduced by using a smaller pot in conjuction
with fixed resistors. For example, the network below will have a
±280 µV adjustment range.
1
8
4.7k
4.7k
1k
POT
V+
Figure 2.
NOISE MEASUREMENTS
To measure the 80 nV peak-to-peak noise specification of the
OP27 in the 0.1 Hz to 10 Hz range, the following precautions
must be observed:
1. The device must be warmed up for at least five minutes.
As shown in the warm-up drift curve, the offset voltage
typically changes 4
µV due to increasing chip temperature
after power-up. In the 10-second measurement interval,
these temperature-induced effects can exceed tens-of-
nanovolts.
2. For similar reasons, the device has to be well-shielded from
air currents. Shielding minimizes thermocouple effects.
FREQUENCY – Hz
140
1
TA = 25 C
120
100
80
60
40
20
0
10
100
1k
10k 100k 1M
10M 100M
160
POSITIVE
SWING
NEGATIVE
SWING
TPC 31. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com