Electronic Components Datasheet Search
  English  ▼

X  

OP27 Datasheet(PDF) 9 Page - Analog Devices

Part # OP27
Description  Low-Noise, Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP27 Datasheet HTML 5Page - Analog Devices OP27 Datasheet HTML 6Page - Analog Devices OP27 Datasheet HTML 7Page - Analog Devices OP27 Datasheet HTML 8Page - Analog Devices OP27 Datasheet HTML 9Page - Analog Devices OP27 Datasheet HTML 10Page - Analog Devices OP27 Datasheet HTML 11Page - Analog Devices OP27 Datasheet HTML 12Page - Analog Devices OP27 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
–9–
OP27
TEMPERATURE – C
60
–75
40
20
0
–20
–40
–60
–50 –25
0
25
50
75 100 125 150 175
50
10
–30
–70
30
–10
–50
TRIMMING WITH
10k
POT DOES
NOT CHANGE
TCVOS
OP27C
OP27A
OP27A
OP27A
OP27C
TPC 10. Offset Voltage Drift of
Five Representative Units vs.
Temperature
TIME – Sec
30
–20
5
0
020
40
60
80
100
25
20
15
10
TA =
25 C
TA = 70 C
DEVICE IMMERSED
IN 70 C OIL BATH
VS = 15V
THERMAL
SHOCK
RESPONSE
BAND
TPC 13. Offset Voltage Change Due
to Thermal Shock
FREQUENCY – Hz
130
1
110
90
70
50
30
10
–10
10
100
1k
10k 100k
1M 10M 100M
TPC 16. Open-Loop Gain vs.
Frequency
TIME – Months
6
0
2
–2
–6
4
0
–2
–6
1
234
5
6
7
4
0
–4
6
2
–4
TPC 11. Long-Term Offset Voltage
Drift of Six Representative Units
TEMPERATURE – C
–50
40
20
0
–25
0
25
50
75
100 125 150
50
30
10
VS = 15V
OP27A
OP27C
TPC 14. Input Bias Current vs.
Temperature
TEMPERATURE – C
–50
60
2
–25
0
25
50
75
100
125
4
VS =
15V
SLEW
50
70
3
10
9
8
7
6
GBW
–75
M
TPC 17. Slew Rate, Gain-Bandwidth
Product, Phase Margin vs.
Temperature
TIME AFTER POWER ON – Min
10
1
01
4
23
5
TA = 25 C
VS = 15V
5
OP27 C/G
OP27 F
OP27 A/E
TPC 12. Warm-Up Offset Voltage
Drift
TEMPERATURE – C
–75
50
0
–50
–25
0
25
50
75
100
125
VS = 15V
40
30
20
10
OP27A
OP27C
TPC 15. Input Offset Current vs.
Temperature
FREQUENCY – Hz
25
1M
10M
100M
20
15
10
5
0
–5
–10
80
100
120
140
160
180
200
220
TA = 25 C
VS = 15V
GAIN
PHASE
MARGIN
= 70
TPC 18. Gain, Phase Shift vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com