Electronic Components Datasheet Search
  English  ▼

X  

AD9830 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9830
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9830 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9830 Datasheet HTML 4Page - Analog Devices AD9830 Datasheet HTML 5Page - Analog Devices AD9830 Datasheet HTML 6Page - Analog Devices AD9830 Datasheet HTML 7Page - Analog Devices AD9830 Datasheet HTML 8Page - Analog Devices AD9830 Datasheet HTML 9Page - Analog Devices AD9830 Datasheet HTML 10Page - Analog Devices AD9830 Datasheet HTML 11Page - Analog Devices AD9830 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD9830
REV. A
–8–
RBW 1kHz
VBW 3kHz
ST 50 SEC
0
–10
–90
START 0Hz
STOP 25MHz
–40
–60
–70
–80
–20
–30
–50
Figure 14. fMCLK = 50 MHz, fOUT = 9.1 MHz, Frequency
Word = 2E978D50
RBW 1kHz
VBW 3kHz
ST 50 SEC
0
–10
–90
START 0Hz
STOP 25MHz
–40
–60
–70
–80
–20
–30
–50
Figure 15. fMCLK = 50 MHz, fOUT = 11.1 MHz, Frequency
Word = 38D4FDF4
RBW 1kHz
VBW 3kHz
ST 50 SEC
0
–10
–90
START 0Hz
STOP 25MHz
–40
–60
–70
–80
–20
–30
–50
Figure 16. fMCLK = 50 MHz, fOUT = 13.1 MHz, Frequency
Word = 43126E98
RBW 1kHz
VBW 3kHz
ST 50 SEC
0
–10
–90
START 0Hz
STOP 25MHz
–40
–60
–70
–80
–20
–30
–50
Figure 11.
fMCLK = 50 MHz, fOUT = 2.1 MHz, Frequency
Word = ACO8312
RBW 1kHz
VBW 3kHz
ST 50 SEC
0
–10
–90
START 0Hz
STOP 25MHz
–40
–60
–70
–80
–20
–30
–50
Figure 12. fMCLK = 50 MHz, fOUT = 3.1 MHz, Frequency
Word = FDF3B64
RBW 1kHz
VBW 3kHz
ST 50 SEC
0
–10
–90
START 0Hz
STOP 25MHz
–40
–60
–70
–80
–20
–30
–50
Figure 13. fMCLK = 50 MHz, fOUT = 7.1 MHz, Frequency
Word = 245A1CAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com