Electronic Components Datasheet Search
  English  ▼

X  

AD9830 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9830
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9830 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9830 Datasheet HTML 5Page - Analog Devices AD9830 Datasheet HTML 6Page - Analog Devices AD9830 Datasheet HTML 7Page - Analog Devices AD9830 Datasheet HTML 8Page - Analog Devices AD9830 Datasheet HTML 9Page - Analog Devices AD9830 Datasheet HTML 10Page - Analog Devices AD9830 Datasheet HTML 11Page - Analog Devices AD9830 Datasheet HTML 12Page - Analog Devices AD9830 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD9830
REV. A
–9–
RBW 1kHz
VBW 3kHz
ST 50 SEC
0
–10
–90
START 0Hz
STOP 25MHz
–40
–60
–70
–80
–20
–30
–50
Figure 17. fMCLK = 50 MHz, fOUT = 16.5 MHz, Frequency
Word = 547AE148
Register
Size
Description
FREQ0 REG
32 Bits
Frequency Register 0. This defines
the output frequency, when
FSELECT = 0, as a fraction of the
MCLK frequency.
FREQ1 REG
32 Bits
Frequency Register 1. This de-
fines the output frequency, when
FSELECT = 1, as a fraction of the
MCLK frequency.
PHASE0 REG
12 Bits
Phase Offset Register 0. When
PSEL0 = PSEL1 = 0, the contents
of this register are added to the out-
put of the phase accumulator.
PHASE1 REG
12 Bits
Phase Offset Register 1. When
PSEL0 = 1 and PSEL1 = 0, the
contents of this register are added
to the output of the phase
accumulator.
PHASE2 REG
12 Bits
Phase Offset Register 2. When
PSEL0 = 0 and PSEL1 = 1, the
contents of this register are added
to the output of the phase
accumulator.
PHASE3 REG
12 Bits
Phase Offset Register 3. When
PSEL0 = PSEL1 = 1, the contents
of this register are added to the out-
put of the phase accumulator.
Figure 18. AD9830 Control Registers
A2
A1
A0
Destination Register
0
0
0
FREQ0 REG 16 LSBs
0
0
1
FREQ0 REG 16 MSBs
0
1
0
FREQ1 REG 16 LSBs
0
1
1
FREQ1 REG 16 MSBs
1
0
0
PHASE0 REG
1
0
1
PHASE1 REG
1
1
0
PHASE2 REG
1
1
1
PHASE3 REG
Figure 19. Addressing the Control Registers
D15
D0
MSB
LSB
Figure 20. Frequency Register Bits
D15
D14 D13 D12 D11
D0
X
XXXMSB
LSB
X = Don't Care
Figure 21. Phase Register Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com