Electronic Components Datasheet Search
  English  ▼

X  

AD9830 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9830
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9830 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9830 Datasheet HTML 6Page - Analog Devices AD9830 Datasheet HTML 7Page - Analog Devices AD9830 Datasheet HTML 8Page - Analog Devices AD9830 Datasheet HTML 9Page - Analog Devices AD9830 Datasheet HTML 10Page - Analog Devices AD9830 Datasheet HTML 11Page - Analog Devices AD9830 Datasheet HTML 12Page - Analog Devices AD9830 Datasheet HTML 13Page - Analog Devices AD9830 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD9830
REV. A
–10–
CIRCUIT DESCRIPTION
The AD9830 provides an exciting new level of integration
for the RF/Communications system designer. The AD9830
combines the Numerical Controlled Oscillator (NCO), SINE
Look-Up table, Frequency and Phase Modulators, and a
Digital-to-Analog Converter on a single integrated circuit.
The internal circuitry of the AD9830 consists of three main
sections. These are:
Numerical Controlled Oscillator (NCO) + Phase Modulator
SINE Look-Up Table
Digital-to-Analog Converter
The AD9830 is a fully integrated Direct Digital Synthesis
(DDS) chip. The chip requires one reference clock, two low
precision resistors and eight decoupling capacitors to provide
digitally created sine waves up to 25 MHz. In addition to the
generation of this RF signal, the chip is fully capable of a broad
range of simple and complex modulation schemes. These
modulation schemes are fully implemented in the digital do-
main allowing accurate and simple realization of complex
modulation algorithms using DSP techniques.
THEORY OF OPERATION
Sine waves are typically thought of in terms of their magnitude
form a (t) = sin (
ωt). However, these are nonlinear and not
easy to generate except through piece wise construction. On
the other hand, the angular information is linear in nature.
That is, the phase angle rotates through a fixed angle for each
unit of time. The angular rate depends on the frequency of the
signal by the traditional rate of
ω = 2πf
MAGNITUDE
PHASE
+1
0
–1
2
π
0
Figure 22. Sine Wave
Knowing that the phase of a sine wave is linear and given a ref-
erence interval (clock period), the phase rotation for that period
can be determined.
∆Phase = ωδt
Solving for
ω
ω = ∆Phase/δt = 2πf
Solving for f and substituting the reference clock frequency for
the reference period (1/fMCLK =
δt)
f =
∆Phase × f
MCLK/2
π
The AD9830 builds the output based on this simple equation.
A simple DDS chip can implement this equation with three
major subcircuits.
Numerical Controlled Oscillator + Phase Modulator
This consists of two frequency select registers, a phase accumu-
lator and four phase offset registers. The main component of
the NCO is a 32-bit phase accumulator which assembles the
phase component of the output signal. Continuous time signals
have a phase range of 0 to 2
π. Outside this range of numbers,
the sinusoid functions repeat themselves in a periodic manner.
The digital implementation is no different. The accumulator
simply scales the range of phase numbers into a multibit digital
word. The phase accumulator in the AD9830 is implemented
with 32 bits. Therefore, in the AD9830, 2
π = 232. Likewise,
the
∆Phase term is scaled into this range of numbers 0 < ∆Phase
< 2
32 –1. Making these substitutions into the equation above
f =
∆Phase × f
MCLK/2
32
where 0 <
∆Phase < 232
With a clock signal of 50 MHz and a phase word of 051EB852
hex
f = 51EB852
× 50 MHz/232 = 1.000000000931 MHz
The input to the phase accumulator (i.e., the phase step) can be
selected either from the FREQ0 Register or FREQ1 Register
and this is controlled by the FSELECT pin. NCOs inherently
generate continuous phase signals, thus avoiding any output
discontinuity when switching between frequencies. More com-
plex frequency modulation schemes can be implemented by up-
dating the contents of these registers. This facilitates complex
frequency modulation schemes, such as GMSK.
Following the NCO, a phase offset can be added to perform
phase modulation using the 12-bit PHASE Registers. The con-
tents of this register are added to the most significant bits of the
NCO. The AD9830 has four PHASE registers. The resolution
of the phase registers equals 2
π/4096.
Sine Look-Up Table (LUT)
To make the output useful, the signal must be converted from
phase information into a sinusoidal value. Since phase informa-
tion maps directly into amplitude, a ROM LUT converts the
phase information into amplitude. To do this, the digital phase
information is used to address a sine ROM LUT. Although the
NCO contains a 32-bit phase accumulator, the output of the
NCO is truncated to 12 bits. Using the full resolution of the
phase accumulator is impractical and unnecessary as this would
require a look-up table of 2
32 entries.
It is necessary only to have sufficient phase resolution in the
LUTs such that the dc error of the output waveform is domi-
nated by the quantization error in the DAC. This requires the
look-up table to have two more bits of phase resolution than the
10-bit DAC.
Digital-to-Analog Converter
The AD9830 includes a high impedance current source 10-bit
DAC, capable of driving a wide range of loads at different
speeds. Full-scale output current can be adjusted, for optimum
power and external load requirements, through the use of a
single external resistor (RSET).
The DAC can be configured for single or differential ended op-
eration. IOUT can be tied directly to AGND for single ended
operation or through a load resistor to develop an output volt-
age. The load resistor can be any value required, as long as the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com