Electronic Components Datasheet Search
  English  ▼

X  

AD9830 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9830
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9830 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9830 Datasheet HTML 8Page - Analog Devices AD9830 Datasheet HTML 9Page - Analog Devices AD9830 Datasheet HTML 10Page - Analog Devices AD9830 Datasheet HTML 11Page - Analog Devices AD9830 Datasheet HTML 12Page - Analog Devices AD9830 Datasheet HTML 13Page - Analog Devices AD9830 Datasheet HTML 14Page - Analog Devices AD9830 Datasheet HTML 15Page - Analog Devices AD9830 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD9830
REV. A
–14–
COMPONENT LIST
Integrated Circuits
U1
AD9830 (48-Pin TQFP)
U2, U3
74HC574 Latches
XTAL1
OSC XTAL 50 MHz
Capacitors
C9, C11
10
µF Tantalum Capacitor
C8, C10, C12–C14
0.1
µF Ceramic Capacitor
C1–C5
0.1
µF Ceramic Chip Capacitor
C6, C7
10 nF Ceramic Capacitor
Resistors
R5
1 k
Ω Resistor
R6, R7
51
Ω Resistor
R4
50
Ω Resistor
R1–R3
10 k
Ω Resistor
Links
LK5
Two Pin Link
LK1, LK2, LK3, LK4
Three Pin Link
Switch
SW
End Stackable Switch (SDC
Double Throw)
Sockets
SMB1–SMB7
Sub-Miniature BNC Connector
Connectors
J2, J3
PCB Mounting Terminal Block
J1
36-Pin Edge Connector
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
LATCH
D0
D1
D2
D3
D4
D5
D6
D7
LOAD
WR
RESET
WR
RESET
LATCH
LOAD
D7
D0
J1
PC INTERFACE
VDD
CK
74HC574
0.1µF
C13
DVDD
LOAD
U2
VDD
CK
74HC574
0.1µF
C14
DVDD
LATCH
U3
14
21
22
31
32
34
D15
D8
D7
D0
A2
A0
WR
RESET
8
35
WR
RESET
12
11
10
7
3
PSEL1
PSEL0
FSELECT
MCLK
SLEEP
LK1
LK2
LK3
R3
10k
Ω
R1
10k
Ω
R2
10k
Ω
SMB1
SMB2
SMB3
AVDD
DVDD
10µF
C9
0.1µF
C8
0.1µF
C10
10µF
C11
J2
DVDD
SW
DVDD
DGND
OUT
U4
DVDD
C12
0.1µF
R4
50
Ω
SMB4
MCLK
DVDD
LK4
DGND
AGND
6,13, 29
36, 39, 41, 46
COMP
REFIN
REFOUT
FSADJUST
IOUT
IOUT
DVDD
4, 5, 9, 25
AVDD
38, 43
0.1µF
C1, C2, C3
0.1µF
C4, C5
AD9830
U1
AVDD
48
10nF
C6
10nF
C7
1
2
LK5
SMB5
1k
Ω
R5
SMB7
51
Ω
R7
47
44
45
SMB6
51
Ω
R6
DVDD
AVDD
XTAL1
J3
Figure 26. Evaluation Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com