Electronic Components Datasheet Search
  English  ▼

X  

AD9830 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9830
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9830 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9830 Datasheet HTML 8Page - Analog Devices AD9830 Datasheet HTML 9Page - Analog Devices AD9830 Datasheet HTML 10Page - Analog Devices AD9830 Datasheet HTML 11Page - Analog Devices AD9830 Datasheet HTML 12Page - Analog Devices AD9830 Datasheet HTML 13Page - Analog Devices AD9830 Datasheet HTML 14Page - Analog Devices AD9830 Datasheet HTML 15Page - Analog Devices AD9830 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD9830
REV. A
–12–
APPLICATIONS
The AD9830 contains functions which make it suitable for
modulation applications. The part can be used to perform
simple modulation such as FSK. More complex modulation
schemes such as GMSK and QPSK can also be implemented
using the AD9830. In a FSK application, the two frequency reg-
isters of the AD9830 are loaded with different values, one fre-
quency will represent the space frequency while the other will
represent the mark frequency. The digital data stream is fed to
the FSELECT pin which will cause the AD9830 to modulate
the carrier frequency between the two values.
The AD9830 has four phase registers which enable the part to
perform PSK. With phase shift keying, the carrier frequency is
phase shifted, the phase being altered by an amount which is
related to the bit stream being input to the modulator. The
presence of four shift registers eases the interaction needed
between the DSP and the AD9830.
The frequency and phase registers can be written to continuously,
if required. The maximum update rate equals the frequency of
the MCLK. However, if a selected register is loaded with a new
word, there will be a delay of 6 MCLK cycles before the analog
output will change accordingly.
The AD9830 is also suitable for signal generator applications.
With its low current consumption, the part is suitable for
mobile applications in which it can be used as a local oscillator.
Figure 24 shows the interface between the AD9830 and AD6459
which is a down converter used on the receive side of mobile
phones or basestations.
BANDPASS
FILTER
IFIP
IFIM
MXOP
MXOM
MIDPOINT
BIAS
GENERATOR
BIAS
CIRCUIT
LOIP
FILTER
51
Ω
51
Ω
10 BITS
RSET
1k
Ω
AD9830
AD6459
PLL
0
°
90
°
GAIN TC
COMPENSATION
IRxP
IRxN
FREF
FLTR
QRxP
QRxN
GAIN
GREF
RFHI
RFLO
VPS1
VPS2
PRUP
COM1
COM2
0.1µF
ANTENNA
Figure 24. AD9830 and AD6459 Receiver Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com