Electronic Components Datasheet Search
  English  ▼

X  

ADM1022 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1022
Description  Low-Cost PC Temperature Monitor and Fan Control ASIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1022 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1022 Datasheet HTML 3Page - Analog Devices ADM1022 Datasheet HTML 4Page - Analog Devices ADM1022 Datasheet HTML 5Page - Analog Devices ADM1022 Datasheet HTML 6Page - Analog Devices ADM1022 Datasheet HTML 7Page - Analog Devices ADM1022 Datasheet HTML 8Page - Analog Devices ADM1022 Datasheet HTML 9Page - Analog Devices ADM1022 Datasheet HTML 10Page - Analog Devices ADM1022 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
REV. 0
ADM1022
–7–
FREQUENCY – Hz
10
0
50
50M
500
5k
50k
500k
5M
6
5
4
2
1
3
10mV SQ. WAVE
9
8
7
100k
25M
Figure 8. Temperature Error vs. Differential-Mode Noise
Frequency
TEMPERATURE – C
1.7
–40
VDD = 3.0V
–20
0
20
40
60
80
100
130
1.8
1.9
2.0
2.1
2.2
2.3
VDD = 3.3V
VDD = 5.5V
110
90
70
50
30
10
–10
–30
120
Figure 9. Standby Supply Current vs. Supply Voltage
TEMPERATURE – C
100
150
200
250
300
350
400
RST1
RST2
–40
–20
0
2040
6080
100
130
110
90
70
50
30
10
–10
–30
120
Figure 10. Power-up Reset vs. Temperature
GENERAL DESCRIPTION
The ADM1022 is a low-cost temperature monitor and fan con-
troller for microprocessor-based systems. The temperature of
one or two remote sensor diodes may be measured, allowing
monitoring of processor temperature in single- or dual-processor
systems. The chip also contains an on-chip sensor to allow
ambient temperature to be monitored.
Measured values can be read out via a serial System Manage-
ment Bus, and values for limit comparisons can be programmed
in over the same serial bus.
The ADM1022 also contains a DAC for fan speed control.
Automatic hardware temperature trip points are provided for
fault tolerant fan control and the fan will be driven to full speed
if they are exceeded. Two interrupt outputs are provided, which
will be asserted if the software or hardware limits are exceeded.
Finally, the chip has two supply voltage monitors for brownout
detection. These drive two reset pins, one of which is bidirec-
tional. A manual reset input is also provided.
INTERNAL REGISTERS OF THE ADM1022
A brief description of the ADM1022’s principal internal regis-
ters is given below. More detailed information on the function
of each register is given in Tables IV to IX.
Configuration Register: Provides control and configuration.
Address Pointer Register: This register contains the address that
selects one of the other internal registers. When writing to the
ADM1022, the first byte of data is always a register address, which
is written to the Address Pointer Register.
Interrupt (
INT) Status Register: This register provides status
of each Interrupt event. It is also mirrored by a second register
at address 4Ch.
Interrupt (
INT) Mask Register: Allows masking of individual
interrupt sources.
Value and Limit Registers: The results of temperature measure-
ments are stored in these registers, along with their limit values.
Analog Output Register: The code controlling the analog out-
put DAC is stored in this register.
SERIAL BUS INTERFACE
Control of the ADM1022 is carried out via the serial bus. The
ADM1022 is connected to this bus as a slave device, under the
control of a master device, e.g., the PIIX4.
The ADM1022 has a 7-bit serial bus address. When the device is
powered up, it will do so with a default serial bus address. The five
MSBs of the address are set to 01011, the two LSBs are deter-
mined by the logical states of Pin 13 (ADD/NTEST_OUT).
This is a three-state input that can be grounded, connected to VCC
or left open-circuit to give three different addresses. The state of
the ADD pin is only sampled at power-up, so changing ADD
with power-on will have no effect until the device is powered
off then on again.
Table I. ADD Pin Truth Table
ADD Pin
A1
A0
GND
1
0
No Connect
0
0
VCC
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com