Electronic Components Datasheet Search
  English  ▼

X  

ADM1022 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1022
Description  Low-Cost PC Temperature Monitor and Fan Control ASIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1022 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1022 Datasheet HTML 11Page - Analog Devices ADM1022 Datasheet HTML 12Page - Analog Devices ADM1022 Datasheet HTML 13Page - Analog Devices ADM1022 Datasheet HTML 14Page - Analog Devices ADM1022 Datasheet HTML 15Page - Analog Devices ADM1022 Datasheet HTML 16Page - Analog Devices ADM1022 Datasheet HTML 17Page - Analog Devices ADM1022 Datasheet HTML 18Page - Analog Devices ADM1022 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
REV. 0
ADM1022
–18–
Table VIII. 0x43 Interrupt Mask Register. Power-On Default <7:0> = 00h
Bit
Name
Read/Write
Description
0
Int. Temp Error
Read Only
A one disables the corresponding interrupt status bit for the
INT output.
1
Ext. Temp2 Error
Read Only
A one disables the corresponding interrupt status bit for the
INT output.
2
Diode 2 Fault
Read Only
A one disables the corresponding interrupt status bit for the
INT output.
3
Reserved
Read Only
Undefined.
4
GPI Input
Read/Write
A one disables the corresponding interrupt status bit for the
INT output.
5
Ext. Temp1 Error
Read/Write
A one disables the corresponding interrupt status bit for the
INT output.
6
THERM Input
Read/Write
A one disables the corresponding interrupt status bit for the
INT output.
7
Diode 1 Fault
Read/Write
A one disables the corresponding interrupt status bit for the
INT output.
Table IX. Register 0x4C Interrupt Status Register Mirror. Power-On Default <7:0> = 00h
Bit
Name
Read/Write
Description
0
Int. Temp Error
Read Only
A one indicates that one of the internal temperature sensor limits has been
exceeded.
1
Ext. Temp2 Error
Read Only
A one indicates that one of the limits for the second external temperature
sensor has been exceeded.
2
Diode 2 Fault
Read Only
A one indicates either a short- or open-circuit fault on remote sensor diode 2.
3
Reserved
Read Only
Undefined
4
GPI Input
Read Only
A “1” indicates that the GPI pin is asserted. The polarity of the GPI pin is
determined by GPI Invert (Bit 6) in the Configuration Register. For example,
if GPI Invert is cleared, this bit will be “1” when the GPI pin is high (“1”);
this bit will be “0” when the GPI pin is low (“0.”) If GPI Invert is set, this bit
will be “1” when the GPI pin is low (“0”); this bit will be “0” when the GPI
pin is high (“1”). Note that the state of GPI is not latched; this bit simply
reflects the state or inverted state of the GPI pin. Note: if this bit is “1”
reading this register will NOT clear it to “0.”
5
Ext. Temp1 Error
Read Only
A one indicates that one of the limits for the first external temperature sensor
has been exceeded.
6
THERM Input
Read Only
A one indicates that the thermal overload (
THERM) line has been asserted
externally.
7
Diode 1 Fault
Read Only
A one indicates either a short- or open-circuit fault on remote sensor diode 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com