Electronic Components Datasheet Search
  English  ▼

X  

ADM1022 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1022
Description  Low-Cost PC Temperature Monitor and Fan Control ASIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1022 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1022 Datasheet HTML 10Page - Analog Devices ADM1022 Datasheet HTML 11Page - Analog Devices ADM1022 Datasheet HTML 12Page - Analog Devices ADM1022 Datasheet HTML 13Page - Analog Devices ADM1022 Datasheet HTML 14Page - Analog Devices ADM1022 Datasheet HTML 15Page - Analog Devices ADM1022 Datasheet HTML 16Page - Analog Devices ADM1022 Datasheet HTML 17Page - Analog Devices ADM1022 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
REV. 0
ADM1022
–14–
GENERAL PURPOSE LOGIC INPUT (GPI)
Pin 12 may be configured as an input for a second temperature
sensor input by setting Bit 7 of the Configuration Register, or it
may be used as a general purpose logic input by clearing Bit 7 of
the Configuration Register, which is its default condition. The
GPI input may be programmed to be active high or active low by
clearing or setting Bit 6 of the Configuration Register. The default
value is active high. Bit 4 of the Interrupt Status Register follows
the state (or inverted state) of GPI and will generate an interrupt
when it is set to one, like any other input to the Interrupt Status
Register. However, the GPI bit is not latched in the Status Register
and always reflects the current state (or inverted state) of the
GPI input. If it is one it will not be cleared by reading the
Status Register.
RESETS
The ADM1022 has a manual reset input, (Pin 2 –
MR), a bidi-
rectional reset pin, (Pin 3 –
RST1) and a reset output (Pin 7 –
RST2). These operate as follows:
Taking
MR low forces a system reset and takes the RST2 output
low. It will remain low for tRP after MR goes high again. The
MR input has a 20 k
Ω pull-up resistor, and may be left uncon-
nected if not used.
MR is typically used to generate a system
reset from a front-panel push-button.
The
RST1 pin is a bidirectional I/O. It is asserted low as an out-
put if VCC falls below the reset threshold. It can also operate as a
reset input to the ADM1022 in the same way as
MR. At power-
up,
RST2 will remain asserted for t
RP after RST1 goes high.
The
RST2 output is asserted low under any of the following
conditions:
≤ the MR input is low, as previously described,
–
RST1 is asserted low as an output or pulled low as an input,
≤ VMON is below the reset threshold.
POWER-ON RESET
When the ADM1022 is powered up, it will initiate a power-on
reset sequence when the supply voltage VCC rises above the
power-on reset threshold, with registers being reset to their
power-on values. Normal operation will begin when the supply
voltage rises above the reset threshold. Registers whose power-
on values are not shown have power on conditions that are
indeterminate (this includes the Value and Limit Registers). In
most applications, usually the first action after power-on would
be to write limits into the Limit Registers.
Power-on reset clears or initializes the following registers (the ini-
tialized values are shown in Table IV):
– Configuration Register
– Interrupt Status Register
– Interrupt Status Mirror Register
– Interrupt Mask Register
– Test Register
– Analog Output Register
– Programmable Trip Point Registers
Operation of the reset outputs at power-up, and for a manual
reset input, is shown in Figure 18. It should be noted that the
resets will only be asserted once VCC rises above 1 V. Below this
voltage there is insufficient gate drive voltage to turn on the out-
put FETs. If the device being reset and its pull-up resistor is
supplied from VCC, the reset voltage will rise with VCC to 1 V
before being pulled low. If the device being reset and its pull-up
resistor use a separate supply voltage, the reset output will fol-
low that voltage until reset is asserted.
The ADM1022 can also be reset by taking
RST1 low as an input.
The above-mentioned registers will be reset to their default
values and the ADC will remain inactive as long as
RST1 is
below the reset threshold.
VCC
–1V
tRP
t
tRP
tRP
RST1
RST2
MR
RST2
POWER-ON RESET
MANUAL RESET (FOR EXAMPLE)
Figure 18. Operation of Reset Outputs
RST1 AS I/O
If
RST1 is used as a reset input to the ADM1022 while also
being used as a system reset output, it will be necessary to sepa-
rate the two functions so that a reset from the system to the
ADM1022 does not also reset the system.
This can be achieved using the circuit of Figure 19. If
ALT_RST
is high, then reset outputs from the ADM1022 can pass through
N2 to reset the system.
If, however,
ALT_RST is low, the ADM1022 will be reset, but
SYS_RST will be held high by the high input from N1 to N2.
ADM1022
RST1
100k
N1
VCC
N2
SYS_RST
ALT_RST
Figure 19. Separation of
RST1 Input from RST1 Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com