Electronic Components Datasheet Search
  English  ▼

X  

ADM1022 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM1022
Description  Low-Cost PC Temperature Monitor and Fan Control ASIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1022 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM1022 Datasheet HTML 11Page - Analog Devices ADM1022 Datasheet HTML 12Page - Analog Devices ADM1022 Datasheet HTML 13Page - Analog Devices ADM1022 Datasheet HTML 14Page - Analog Devices ADM1022 Datasheet HTML 15Page - Analog Devices ADM1022 Datasheet HTML 16Page - Analog Devices ADM1022 Datasheet HTML 17Page - Analog Devices ADM1022 Datasheet HTML 18Page - Analog Devices ADM1022 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
REV. 0
ADM1022
–17–
Table VI. Register 0x40 Configuration Register
Bit
Name
Read/Write
Description
0
START
Read/Write
Setting this bit to a “1” enables startup of ADM1022; clearing this bit to a “0” places
ADM1022 in standby mode. Caution: The
INT output will not be cleared if the user
clears this bit after an interrupt has occurred (see “
INT Clear” bit). At startup tempera-
ture monitoring and limit checking functions begin. Note, all limit values should be pro-
grammed into ADM1022 prior to using the standard thermal interrupt mechanism based
upon high and low limits. (Power-Up Default = 1.)
1
INT Enable
Read/Write
Setting this bit to a “1” enables the
INT output. 1 = Enabled 0 = Disabled
(Power-Up Default = 0).
2
INT Clear
Read/Write
This bit clears the
INT output when set (1) without affecting the contents of the Interrupt
Status Register. (Power-Up Default = 1.)
3
Programmable
Read/Write
Setting this bit to a “1” will lock in the value set into the Programmable Local and Remote
Automatic Trip
Once
Automatic Trip Point Registers (Value Register locations 0x13 and 0x14). Furthermore,
Point Lock Bit
when this bit is set, the values in the Default Local and Remote Automatic Trip Point
Registers (Value Register locations 0x17 and 0x18) will no longer have an effect on the
THERM, FAN_SPD or FAN-OFF outputs. This bit cannot be written again until after
RST2 has been asserted or Power-On Reset occurs. (Power-Up Default = 0.)
4
Soft Reset
Read/Write
Setting this bit to a “1” will restore power-up default values to the Configuration Regis-
ter, Interrupt Status Register, Interrupt Status Register Mirror, Interrupt Mask Register.
This bit automatically clears itself since the power-on default is zero.
5
FAN OFF
Read/Write
Setting this bit to a “1” will cause the
FAN OFF pin to be floated. Clearing this bit to “0”
will cause the
FAN OFF pin to be driven low, which requests that the fan be turned off.
This bit will be unconditionally set if the
THERM pin is ever asserted. Reading this bit
reflects the state of the
FAN-OFF output buffer. Due to the open-drain nature of this pin
the value read does not represent the actual state of the external circuit connected to it.
(Power-Up Default = 1.)
6
GPI Invert
Read/Write
Setting this bit to a “1” will invert the GPI input for the purpose of level detection and
interrupt generation. Clearing this bit to a “0” leaves the GPI input unmodified. (Power-
Up Default = 0.)
7
D2
Read/Write
Setting this bit configures Pins 11 and 12 as inputs for a second diode temperature sen-
sor. Clearing this bit configures Pin 11 as
THERM output and Pin 12 as general purpose
logic input (GPI). (Power-Up Default = 0.)
Table VII. Register 0x41 Interrupt Status Register. Power-On Default <7:0> = 00h
Bit
Name
Read/Write
Description
0
Int. Temp Error
Read Only
A one indicates that one of the internal temperature sensor limits has been exceeded.
1
Ext. Temp2 Error
Read Only
A one indicates that one of the limits for the second external temperature sensor has
been exceeded.
2
Diode 2 Fault
Read Only
A one indicates either a short- or open-circuit fault on remote sensor diode 2.
3
Reserved
Read Only
Undefined.
4
GPI Input
Read Only
A “1” indicates that the GPI pin is asserted. The polarity of the GPI pin is determined
by GPI Invert (Bit 6) in the Configuration Register. For example, if GPI Invert is cleared,
this bit will be “1” when the GPI pin is high (“1”); this bit will be “0” when the GPI
pin is low (“0”). If GPI Invert is set, this bit will be “1” when the GPI pin is low (“0”);
this bit will be “0” when the GPI pin is high (“1”). Note that the state of GPI is not
latched; this bit simply reflects the state or inverted state of the GPI pin. Note: if this
bit is “1” reading this register will NOT clear it to “0.”
5
Ext. Temp1 Error
Read Only
A one indicates that one of the limits for the first external temperature sensor has been
exceeded.
6
THERM Input
Read Only
A one indicates that the thermal overload (
THERM) line has been asserted externally.
7
Diode 1 Fault
Read Only
A one indicates either a short- or open-circuit fault on remote sensor diode 1.
NOTE: An error that causes continuous interrupts to be generated may be masked in its respective mask register until the error can be alleviated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com