Electronic Components Datasheet Search
  English  ▼

X  

ADM1022 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1022
Description  Low-Cost PC Temperature Monitor and Fan Control ASIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1022 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1022 Datasheet HTML 11Page - Analog Devices ADM1022 Datasheet HTML 12Page - Analog Devices ADM1022 Datasheet HTML 13Page - Analog Devices ADM1022 Datasheet HTML 14Page - Analog Devices ADM1022 Datasheet HTML 15Page - Analog Devices ADM1022 Datasheet HTML 16Page - Analog Devices ADM1022 Datasheet HTML 17Page - Analog Devices ADM1022 Datasheet HTML 18Page - Analog Devices ADM1022 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
REV. 0
ADM1022
–16–
Table IV. Registers
Address A7–A0
Register Name
in Hex
Comments
Value Registers
0x13–0x3A
See Table V.
Company ID
0x3E
This location will contain the company identification number. This
register is read only.
Revision
0x3F
This location will contain the revision number of the part in the lower
four bits of the register [3:0]. The upper four bits reflect the ADM1022
Version Number [7:4]. The first version is 1100. The next version of
ADM1022 would be 1101, etc. For instance, if the stepping were A0
and this part is an ADM1022, this register would read 1100 0000.
This register is read only.
Configuration Register
0x40
See Table VI. Power-On Value = 0010 0101.
Interrupt Status Register
0x41
See Table VII. Power-On Value = 0000 0000.
Reserved for Future Use
0x42
Interrupt Mask Register
0x43
See Table VIII. Power-On Value = 0000 0000.
Reserved for Future Use
0x44
Reserved for Future Use
0x47
Reserved for Future Use
0x4A
Interrupt Status Register Mirror
0x4C
See Table IX. Power-On Value = 0000 0000.
Table V. Registers 0x13–0x3A Value Registers
Address
Read/Write
Description
0x13
Read/Write
Programmable Local Temp Sensor Automatic Trip Point—Default 70
°C. This register can only
be written to if the write once bit in the configuration register (0x40, Bit 3) has not been set.
0x14
Read/Write
Programmable Remote Thermal Diode Automatic Trip Point—Default 100
°C. This register
can only be written to if the write once bit in the configuration register (0x40, Bit 3) has not
been set.
0x15
Read/Write
Test Register for manufacturer’s use only. Do not write to this register.
0x17
Read Only
Default Local Temp Sensor Automatic Trip Point—Default 70
°C. Cannot be changed. Dis-
abled when Bit 3 of Configuration Register is set.
0x18
Read Only
Default Remote Thermal Diode Automatic Trip Point—Default 100
°C. Cannot be changed.
Disabled when Bit 3 of Configuration Register is set.
0x19
Read/Write
Analog Output, FAN_SPD (Defaults to 0x00h).
0x20
Read Only
External Temperature Value Diode 2.
0x26
Read Only
External Temperature Value Diode 1.
0x27
Read Only
Internal Temperature.
0x2B
Read/Write
External Temperature Diode 2 High Limit.
0x2C
Read/Write
External Temperature Diode 2 Low Limit.
0x37
Read/Write
External Temperature Diode 1 High Limit.
0x38
Read/Write
External Temperature Diode 1 Low Limit.
0x39
Read/Write
Internal Temperature High Limit.
0x3A
Read/Write
Internal Temperature Low Limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com