Electronic Components Datasheet Search
  English  ▼

X  

PCF8523T Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8523T
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8523T Datasheet HTML 19Page - NXP Semiconductors PCF8523T Datasheet HTML 20Page - NXP Semiconductors PCF8523T Datasheet HTML 21Page - NXP Semiconductors PCF8523T Datasheet HTML 22Page - NXP Semiconductors PCF8523T Datasheet HTML 23Page - NXP Semiconductors PCF8523T Datasheet HTML 24Page - NXP Semiconductors PCF8523T Datasheet HTML 25Page - NXP Semiconductors PCF8523T Datasheet HTML 26Page - NXP Semiconductors PCF8523T Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
23 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.6.7 Register Years
8.6.8 Data flow of the time function
Figure 13 shows the data flow and data dependencies starting from the 1 Hz clock tick.
During read/write operations, the time counting circuits (memory locations 03h through
09h) are blocked.
The blocking prevents:
• Faulty reading of the clock and calendar during a carry condition
• Incrementing the time registers during the read cycle
After the read/write-access is completed, the time circuit is released again and any
pending request to increment the time counters that occurred during the read/write access
is serviced. A maximum of one request can be stored; therefore, all accesses must be
completed within 1 second (see Figure 14).
Table 21.
Years - years register (09h) bit description
Bit
Symbol
Value
Place value Description
7 to 4
YEARS
0 to 9
ten’s place
actual year coded in BCD format
3to0
0to 9
unit place
Fig 13. Data flow diagram of the time function
Fig 14. Access time for read/write operations
013aaa324
1 Hz tick
12/24 hour mode
WEEKDAYS
SECONDS
MINUTES
HOURS
DAYS
LEAP YEAR
CALCULATION
MONTHS
YEARS
t < 1 s
013aaa215
SLAVE ADDRESS
DATA
STOP
DATA
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com