Electronic Components Datasheet Search
  English  ▼

X  

PCF8523T Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF8523T
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF8523T Datasheet HTML 42Page - NXP Semiconductors PCF8523T Datasheet HTML 43Page - NXP Semiconductors PCF8523T Datasheet HTML 44Page - NXP Semiconductors PCF8523T Datasheet HTML 45Page - NXP Semiconductors PCF8523T Datasheet HTML 46Page - NXP Semiconductors PCF8523T Datasheet HTML 47Page - NXP Semiconductors PCF8523T Datasheet HTML 48Page - NXP Semiconductors PCF8523T Datasheet HTML 49Page - NXP Semiconductors PCF8523T Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
46 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
The PCF8523 can act as a slave transmitter and a slave receiver.
8.11.4 Acknowledge
The number of data bytes transferred between the START and STOP conditions from
transmitter to receiver is unlimited. Each byte of 8 bits is followed by an acknowledge
cycle.
• A slave receiver, which is addressed, must generate an acknowledge cycle after the
reception of each byte
• Also a master receiver must generate an acknowledge cycle after the reception of
each byte that has been clocked out of the slave transmitter
• The device that acknowledges must pull-down the SDA line during the acknowledge
clock pulse, so that the SDA line is stable LOW during the HIGH period of the related
acknowledge clock pulse (set-up and hold times must be considered)
• A master receiver must signal an end of data to the transmitter by not generating an
acknowledge cycle on the last byte that has been clocked out of the slave. In this
event, the transmitter must leave the data line HIGH to enable the master to generate
a STOP condition
Acknowledgement on the I2C-bus is shown in Figure 31.
8.11.5 I2C-bus protocol
One I2C-bus slave address (1101000) is reserved for the PCF8523. The entire I2C-bus
slave address byte is shown in Table 46.
Fig 30. System configuration
mba605
MASTER
TRANSMITTER
RECEIVER
SLAVE
RECEIVER
SLAVE
TRANSMITTER
RECEIVER
MASTER
TRANSMITTER
MASTER
TRANSMITTER
RECEIVER
SDA
SCL
Fig 31. Acknowledgement on the I2C-bus
mbc602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from
master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com