Electronic Components Datasheet Search
  English  ▼

X  

PCF8523T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8523T
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8523T Datasheet HTML 1Page - NXP Semiconductors PCF8523T Datasheet HTML 2Page - NXP Semiconductors PCF8523T Datasheet HTML 3Page - NXP Semiconductors PCF8523T Datasheet HTML 4Page - NXP Semiconductors PCF8523T Datasheet HTML 5Page - NXP Semiconductors PCF8523T Datasheet HTML 6Page - NXP Semiconductors PCF8523T Datasheet HTML 7Page - NXP Semiconductors PCF8523T Datasheet HTML 8Page - NXP Semiconductors PCF8523T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
5 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
7.2 Pin description
[1]
Wire length between quartz and package should be minimized.
[2]
For manufacturing tests only; do not connect it and do not use it.
[3]
The die paddle (exposed pad) is connected to VSS and should be electrically isolated.
[4]
The substrate (rear side of the die) is connected to VSS and should be electrically isolated.
Viewed from active side. For mechanical details, see Figure 40 on page 57.
Fig 5.
Pin configuration for PCF8523U
013aaa317
2
1
PCF8523U
3
4
5
6
7
12
11
10
9
8
VDD
OSCI
OSCO
VBAT
VSS
INT2
n.c.
CLKOUT
SDA
SCL
n.c.
INT1/CLKOUT
Table 5.
Pin description
Symbol
Pin
Type
Description
SO8
(PCF8523T)
HVSON8
(PCF8523TK)
TSSOP14
(PCF8523TS)
PCF8523U
OSCI
1
1
1
2
input
oscillator input;
high-impedance node[1]
OSCO
2
2
2
3
output
oscillator output;
high-impedance node[1]
n.c.
-
-
3, 6, 9, 12[2]
6 and 11[2]
-
not connected; do not connect
and do not use it as feed through
VBAT
3
3
4
4
supply
battery supply voltage
VSS
44[3]
55[4]
supply
ground supply voltage
INT2
-
-
7
7
output
interrupt 2 (open-drain, active
LOW)
CLKOUT
-
-
8
8
output
clock output (open-drain)
SDA
5
5
10
9
input/output serial data input/output
SCL
6
6
11
10
input
serial clock input
INT1/CLKOUT 7
7
13
12
output
interrupt 1/clock output
(open-drain)
VDD
8
8
14
1
supply
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com