Electronic Components Datasheet Search
  English  ▼

X  

PCF8523T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8523T
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8523T Datasheet HTML 7Page - NXP Semiconductors PCF8523T Datasheet HTML 8Page - NXP Semiconductors PCF8523T Datasheet HTML 9Page - NXP Semiconductors PCF8523T Datasheet HTML 10Page - NXP Semiconductors PCF8523T Datasheet HTML 11Page - NXP Semiconductors PCF8523T Datasheet HTML 12Page - NXP Semiconductors PCF8523T Datasheet HTML 13Page - NXP Semiconductors PCF8523T Datasheet HTML 14Page - NXP Semiconductors PCF8523T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
11 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.2.3 Register Control_3
[1]
Default value is 111.
[2]
Default value.
Table 9.
Control_3 - control and status register 3 (address 02h) bit description
Bit
Symbol
Value
Description
7 to 5
PM[2:0]
see Table 11[1] battery switch-over and battery low detection
control
4
-
-
unused
3
BSF
0[2]
no battery switch-over interrupt generated
1
flag set when battery switch-over occurs; flag
must be cleared to clear interrupt
2BLF
0[2]
battery status ok
1
battery status low; flag is read-only
1
BSIE
0[2]
no interrupt generated from battery switch-over
flag, BSF
1
interrupt generated when BSF is set
0BLIE
0[2]
no interrupt generated from battery low
flag, BLF
1
interrupt generated when BLF is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com