Electronic Components Datasheet Search
  English  ▼

X  

PCF8523T Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8523T
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8523T Datasheet HTML 25Page - NXP Semiconductors PCF8523T Datasheet HTML 26Page - NXP Semiconductors PCF8523T Datasheet HTML 27Page - NXP Semiconductors PCF8523T Datasheet HTML 28Page - NXP Semiconductors PCF8523T Datasheet HTML 29Page - NXP Semiconductors PCF8523T Datasheet HTML 30Page - NXP Semiconductors PCF8523T Datasheet HTML 31Page - NXP Semiconductors PCF8523T Datasheet HTML 32Page - NXP Semiconductors PCF8523T Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
29 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.8.1 Correction when MODE = 0
The correction is triggered once per two hours and then correction pulses are applied
once per minute until the programmed correction values have been implemented.
[1]
The correction pulses on pin INT1 are 1⁄64 s wide.
In MODE = 0, any timer or clock output using a frequency below 64 Hz is affected by the
clock correction (see Table 31).
Table 30.
Correction pulses for MODE = 0
Correction value
Hour
Minute
Correction pulses on
INT1 per minute[1]
+1 or
1
02001
+2 or
2
02
00 and 01
1
+3 or
3
02
00, 01, and 02
1
::::
+59 or
59
02
00 to 58
1
+60 or
60
02
00 to 59
1
+61 or
61
02
00 to 59
1
03
00
1
+62 or
62
02
00 to 59
1
03
00 and 01
1
+63 or
63
02
00 to 59
1
03
00, 01, and 02
1
64
02
00 to 59
1
03
00, 01, 02, and 03
1
Table 31.
Effect of clock correction for MODE = 0
CLKOUT frequency (Hz)
Effect of correction
Timer source clock
frequency (Hz)
Effect of
correction
32768
no effect
4096
no effect
16384
no effect
64
no effect
8192
no effect
1
affected
4096
no effect
1⁄60
affected
1024
no effect
1⁄3600
affected
32
affected
-
-
1affected
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com