Electronic Components Datasheet Search
  English  ▼

X  

ADMC300BST Datasheet(PDF) 32 Page - Analog Devices

Part # ADMC300BST
Description  High Performance DSP-Based Motor Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC300BST Datasheet(HTML) 32 Page - Analog Devices

Back Button ADMC300BST Datasheet HTML 28Page - Analog Devices ADMC300BST Datasheet HTML 29Page - Analog Devices ADMC300BST Datasheet HTML 30Page - Analog Devices ADMC300BST Datasheet HTML 31Page - Analog Devices ADMC300BST Datasheet HTML 32Page - Analog Devices ADMC300BST Datasheet HTML 33Page - Analog Devices ADMC300BST Datasheet HTML 34Page - Analog Devices ADMC300BST Datasheet HTML 35Page - Analog Devices ADMC300BST Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
ADMC300
–32–
REV. B
Table VIII. Peripheral Register Map of ADMC300 (Continued)
Address
Name
Bits
Function
0x2051
ETUB0
[15 . . . 0]
Event Timer Event B—Channel 0
0x2052
ETUAA0
[15 . . . 0]
Event Timer Event AA—Channel 0
0x2053
ETUA1
[15 . . . 0]
Event Timer A—Channnel 1
0x2054
ETUB1
[15 . . . 0]
Event Timer Event B—Channel 1
0x2055
ETUAA1
[15 . . . 0]
Event Timer Event AA—Channel 1
0x2056
ETUTIME
[15 . . . 0]
ETU Timer Register
0x2057–0x205B
Reserved
0x205C
ETUCONFIG
[7 . . . 0]
Event Timer Configuration
0x205D
ETUDIVIDE
[15 . . . 0]
Event Timer Clock Divide Register
0x205E
ETUSTAT
[1 . . . 0]
Event Timer Status Register
0x205F
ETUCTRL
[1 . . . 0]
Event Timer Control Register
0x2060
PWMSYNCWT
[7 . . . 0]
PWMSYNC Pulsewidth Control Register
0x2061
PWMSWT
[0]
PWM Software Trip Register
0x2062-0x20FF
Reserved
Table IX. DSP Core Registers
Address
Name
Bits
Function
0x3FFF
SYSCNTL
[15 . . . 0]
System Control Register
0x3FFE
MEMWAIT
[15 . . . 0]
Memory Wait State Control Register
0x3FFD
TPERIOD
[15 . . . 0]
Interval Timer Period Register
0x3FFC
TCOUNT
[15 . . . 0]
Interval Timer Count Register
0x3FFB
TSCALE
[7 ...0]
Interval Timer Scale Register
0x3FFA
SPORT0_RX_WORDS1
[15 . . . 0]
SPORT0 Multichannel Word 1 Receive
0x3FF9
SPORT0_RX_WORDS0
[15 . . . 0]
SPORT0 Multichannel Word 0 Receive
0x3FF8
SPORT0_TX_WORDS1
[15 . . . 0]
SPORT0 Multichannel Word 1 Transmit
0x3FF7
SPORT0_TX_WORDS0
[15 . . . 0]
SPORT0 Multichannel Word 0 Transmit
0x3FF6
SPORT0_CTRL_REG
[15 . . . 0]
SPORT0 Control Register
0x3FF5
SPORT0_SCLKDIV
[15 . . . 0]
SPORT0 Clock Divide Register
0x3FF4
SPORT0_RFSDIV
[15 . . . 0]
SPORT0 Receive Frame Sync Divide
0x3FF3
SPORT0_AUTOBUF_CTRL
[15 . . . 0]
SPORT0 Autobuffer Control Register
0x3FF2
SPORT1_CTRL_REG
[15 . . . 0]
SPORT1 Control Register
0x3FF1
SPORT1_SCLKDIV
[15 . . . 0]
SPORT1 Clock Divide Register
0x3FF0
SPORT1_RFSDIV
[15 . . . 0]
SPORT1 Receive Frame Sync Divide
0x3FEF
SPORT1_AUTOBUF_CTRL
[15 . . . 0]
SPORT1 Autobuffer Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com