Electronic Components Datasheet Search
  English  ▼

X  

ADP3164 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3164
Description  5-Bit Programmable 4-Phase Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3164 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3164 Datasheet HTML 2Page - Analog Devices ADP3164 Datasheet HTML 3Page - Analog Devices ADP3164 Datasheet HTML 4Page - Analog Devices ADP3164 Datasheet HTML 5Page - Analog Devices ADP3164 Datasheet HTML 6Page - Analog Devices ADP3164 Datasheet HTML 7Page - Analog Devices ADP3164 Datasheet HTML 8Page - Analog Devices ADP3164 Datasheet HTML 9Page - Analog Devices ADP3164 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
ADP3164
–6–
THEORY OF OPERATION
The ADP3164 combines a current-mode, fixed frequency PWM
controller with multiphase logic outputs for use in a 4-phase syn-
chronous buck power converter. Multiphase operation is important
for switching the high currents required by high performance
microprocessors. Handling the high current in a single-phase
converter would place unreasonable requirements on the power
components such as inductor wire size and MOSFET ON-
resistance and thermal dissipation. The ADP3164’s high side
current sensing topology ensures that the load currents are bal-
anced in each phase, such that no single phase has to carry
more than it’s share of the power. An additional benefit of high
side current sensing over output current sensing is that the
average current through the sense resistor is reduced by the duty
cycle of the converter allowing the use of a lower power, lower
cost resistor. The outputs of the ADP3164 are logic drivers only
and are not intended to directly drive external power MOSFETs.
Instead, the ADP3164 should be paired with drivers such as
the ADP3413.
Table I. Output Voltage vs. VID Code
VID4
VID3
VID2
VID1
VID0
VOUT(NOM)
11111No CPU
11110
1.100 V
11101
1.125 V
11100
1.150 V
11011
1.175 V
11010
1.200 V
11001
1.225 V
11000
1.250 V
10111
1.275 V
10110
1.300 V
10101
1.325 V
10100
1.350 V
10011
1.375 V
10010
1.400 V
10001
1.425 V
10000
1.450 V
01111
1.475 V
01110
1.500 V
01101
1.525 V
01100
1.550 V
01011
1.575 V
01010
1.600 V
01001
1.625 V
01000
1.650 V
00111
1.675 V
00110
1.700 V
00101
1.725 V
00100
1.750 V
00011
1.775 V
00010
1.800 V
00001
1.825 V
00000
1.850 V
The frequency of the ADP3164 is set by an external capacitor
connected to the CT pin. The error amplifier and current sense
comparator control the duty cycle of the PWM outputs to main-
tain regulation. The maximum duty cycle per phase is inherently
limited to 25%. While one phase is on, all other phases remain
off. In no case can more than one output be high at any time.
Output Voltage Sensing
The output voltage is sensed at the FB pin allowing for remote
sensing. To maintain the accuracy of the remote sensing, the
GND pin should also be connected close to the load. A voltage
error amplifier (gm) amplifies the difference between the output
voltage and a programmable reference voltage. The reference
voltage is programmed between 1.1 V and 1.85 V by an internal
5-bit DAC, which reads the code at the voltage identification
(VID) pins. (Refer to Table I for the output voltage versus VID
pin code information.)
Active Voltage Positioning
The ADP3164 uses Analog Devices Optimal Positioning Tech-
nology (ADOPT), a unique supplemental regulation technique
that uses active voltage positioning and provides optimal com-
pensation for load transients. When implemented, ADOPT adjusts
the output voltage as a function of the load current, so that it is
always optimally positioned for a load transient. Standard (passive)
voltage positioning has poor dynamic performance, rendering it
ineffective under the stringent repetitive transient conditions
required by high performance processors. ADOPT, however,
provides a bandwidth for transient response that is limited only
by parasitic output inductance. This yields optimal load tran-
sient response with the minimum number of output capacitors.
Reference Output
A 3.0 V reference is available on the ADP3164. This reference
is normally used to accurately set the voltage positioning using a
resistor divider to the COMP pin. In addition, the reference can
be used for other functions such as generating a regulated voltage
with an external amplifier. The reference is bypassed with a 1 nF
capacitor to ground. It is not intended to drive larger capacitive
loads, and it should not be used to provide more than 300
µA of
output current.
Cycle-by-Cycle Operation
During normal operation (when the output voltage is regulated),
the voltage-error amplifier and the current comparator are the
main control elements. The free running oscillator ramps between
0 V and 3 V. When the voltage on the CT pin reaches 3 V, the
oscillator sets the driver logic, which sets PWM1 high. During
the ON time of Phase 1, the driver IC turns on the Phase 1 high
side MOSFET. The CS+ and CS– pins monitor the current
through the sense resistor that feeds all of the high side MOSFETs.
When the voltage between the two pins exceeds the threshold
level, the driver logic is reset and the PWM1 output goes low.
This signals the driver IC to turn off the Phase 1 high side
MOSFET and turn on the Phase 1 low side MOSFET. On the
next cycle of the oscillator, the driver logic toggles and sets
PWM2 high. The current is then steered through the second
phase. This cycle continues for each of the PWM outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com