Electronic Components Datasheet Search
  English  ▼

X  

ADP3164 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3164
Description  5-Bit Programmable 4-Phase Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3164 Datasheet(HTML) 3 Page - Analog Devices

  ADP3164 Datasheet HTML 1Page - Analog Devices ADP3164 Datasheet HTML 2Page - Analog Devices ADP3164 Datasheet HTML 3Page - Analog Devices ADP3164 Datasheet HTML 4Page - Analog Devices ADP3164 Datasheet HTML 5Page - Analog Devices ADP3164 Datasheet HTML 6Page - Analog Devices ADP3164 Datasheet HTML 7Page - Analog Devices ADP3164 Datasheet HTML 8Page - Analog Devices ADP3164 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
–3–
ADP3164
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
DC Supply Current
Normal Mode
ICC
3.75
5.5
mA
No CPU Mode
ICC(NO CPU)
VID4 – VID0 = Open
3.5
5.5
mA
UVLO Mode
ICC(UVLO)
VCC
≤ VUVLO, VCC Rising
350
500
µA
UVLO Threshold Voltage
VUVLO
5.9
6.4
6.9
V
UVLO Hysteresis
0.5
0.8
1.0
V
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
2Guaranteed by design, not tested in production.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +15 V
CS+, CS– . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VCC +0.3 V
All Other Inputs and Outputs . . . . . . . . . . . . –0.3 V to +10 V
Operating Ambient Temperature Range . . . . . . . 0
°C to 70°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . 125
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
θJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged. Unless otherwise specified, all voltages are referenced
to PGND.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADP3164JRU
0
°C to 70°C
Thin Shrink Small Outline
RU-20 (TSSOP-20)
PIN CONFIGURATION
RU-20
VID4
VID3
VID2
VID1
VID0
SHARE
COMP
GND
FB
CT
VCC
REF
PWM1
PWM2
PWM3
PWM4
PGND
CS–
CS+
PWRGD
3
1
4
5
18
17
16
2
20
19
6
10
7
8
9
11
14
13
12
15
ADP3164
TOP VIEW
(Not to Scale)
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3164 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com