Electronic Components Datasheet Search
  English  ▼

X  

ADP3164 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3164
Description  5-Bit Programmable 4-Phase Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3164 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3164 Datasheet HTML 8Page - Analog Devices ADP3164 Datasheet HTML 9Page - Analog Devices ADP3164 Datasheet HTML 10Page - Analog Devices ADP3164 Datasheet HTML 11Page - Analog Devices ADP3164 Datasheet HTML 12Page - Analog Devices ADP3164 Datasheet HTML 13Page - Analog Devices ADP3164 Datasheet HTML 14Page - Analog Devices ADP3164 Datasheet HTML 15Page - Analog Devices ADP3164 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. 0
ADP3164
–12–
The maximum output current IO determines the RDS(ON) require-
ment for the power MOSFETs. When the ADP3164 is operating
in continuous mode, the simplifying assumption can be made
that in each phase one of the two MOSFETs is always conducting
the average inductor current. For VIN =12 V and VOUT = 1.475 V,
the duty ratio of the high-side MOSFET is:
D
V
V
V
V
HSF
OUT
IN
==
=
1 475
12
12 3
.
.%
(16)
The duty ratio of the low-side (synchronous rectifier) MOSFET is:
DD
LSF MAX
HSF MAX
()
()
.%
=−
=
187 7
(17)
The maximum rms current of the high-side MOSFET during
normal operation is:
I
I
n
D
I
I
AA
A
A
HSF MAX
O
HSF
L RIPPLE
O
()
()
.
.
.
=×
× +
×

 =
×× +
×


=
1
3
80
4
0 123
1
10 8
380
702
2
2
2
2
(18)
The maximum rms current of the low-side MOSFET during
normal operation is:
II
D
D
AA
LSF MAX
HFS M AX
LSF
HSF
()
(
)
.
.
.
.
=×
=
×=
702
0 877
0 123
18 75
(19)
The RDS(ON) for each MOSFET can be derived from the allowable
dissipation. If 10% of the maximum output power is allowed for
MOSFET dissipation, the total dissipation in the eight MOSFETs
of the 4-phase converter will be:
PV
I
PV
A
W
FET TOTAL
MIN
O
FET TOTAL
()
()
.
..
.
=×
×
=×
×
=
01
0 1 1 3845
80
11 08
(20)
Allocating half of the total dissipation for the four high-side
MOSFETs and half for the four low-side MOSFETs, and
assuming that the resistive and switching losses of the high-side
MOSFETs are equal, the required maximum MOSFET resis-
tances will be:
R
P
nI
R
W
A
m
DS ON HSF
FET TOTAL
HSF MAX
DS ON HSF
()
()
()
()
.
.
=
××
=
××
=Ω
4
11 08
44
7 02
14
2
2
(21)
and:
R
P
nI
R
W
A
m
DS ON LSF
FET TOTAL
LSF MAX
DS ON LSF
()
()
()
()
.
.
.
=
××
=
××
=Ω
2
11 08
24 18 75
394
2
2
(22)
Note that there is a trade-off between converter efficiency and
cost. Larger MOSFETs reduce the conduction losses and allow
higher efficiency, but increase the system cost. A Fairchild
FDB7030L (RDS(ON) = 7 m
Ω nominal, 10 mΩ worst-case) for
the high-side and a Fairchild FDB8030L (RDS(ON) = 3.1 m
Ω
nominal, 5.6 m
Ω worst-case) for the low-side are good choices.
The high-side MOSFET dissipation is:
PR
I
VI
Q
f
I
VQ
f
Pm
A
V
A
nC
kHz
A
VnC
kHz
W
HSF
DS ON HSF
HSF MAX
IN
L PK
G
SW
G
IN
RR
SW
HSF
=×
+
××
×
×
+×
×
=Ω ×
+
××
×
×
+×
×
=
()
(
)
()
.
.
2
2
2
10
7 02
12
26
35
200
21
12
150
200
1 95
(23)
Where the first term is the conduction loss of the MOSFET, the
second term represents the turn-off loss of the MOSFET and
the third term represents the turn-on loss due to the stored
charge in the body diode of the low-side MOSFET. In the sec-
ond term, QG is the gate charge to be removed from the gate for
turn-off and IG is the gate turn-off current. From the data sheet,
for the FDB7030L the value of QG is about 35 nC and the peak
gate drive current provided by the ADP3414 is about 1 A. In
the third term, QRR, is the charge stored in the body diode of
the low-side MOSFET at the valley of the inductor current. The
data sheet of the FDB8030L does not give that information, so
an estimated value of 150 nC is used. This estimate is based on
information found on data sheets of similar devices. In both
terms, fSW is the actual switching frequency of the MOSFETs,
or 200 kHz. IL(PK) is the peak current in the inductor, or 26 A.
The worst-case low-side MOSFET dissipation is:
PR
I
Pm
A
W
LSF
DS ON LSF
LSF MAX
LSF
=×
=Ω ×
=
()
(
)
..
.
2
2
5 6
18 75
1 97
(24)
Note that there are no switching losses in the low-side MOSFET.
CIN Selection and Input Current di/dt Reduction
In continuous inductor-current mode, the source current of the
high-side MOSFET is approximately a square wave with a duty
ratio equal to VOUT/VIN and an amplitude of one-half of the
maximum output current. To prevent large voltage transients, a
low ESR input capacitor sized for the maximum rms current
must be used. The maximum rms capacitor current is given by:
I
I
n
nD
nD
I
A
A
C RMS
O
HSF
HSF
C RMS
()
()
–(
)
.(
.
)
=×
×
×
=×
×
−
×
=
2
2
80
4
4
0 123
4
0 123
10
(25)
Note that the capacitor manufacturer’s ripple current ratings are
often based on only 2000 hours of life. This makes it advisable
to further derate the capacitor, or to choose a capacitor rated at
a higher temperature than required. Several capacitors may be
placed in parallel to meet size or height requirements in the
design. In this example, the input capacitor bank is formed by
three 270
µF, 16 V OS-CON capacitors with a ripple current
rating of 4.4 A each.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com