Electronic Components Datasheet Search
  English  ▼

X  

ADP3164 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3164
Description  5-Bit Programmable 4-Phase Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3164 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3164 Datasheet HTML 3Page - Analog Devices ADP3164 Datasheet HTML 4Page - Analog Devices ADP3164 Datasheet HTML 5Page - Analog Devices ADP3164 Datasheet HTML 6Page - Analog Devices ADP3164 Datasheet HTML 7Page - Analog Devices ADP3164 Datasheet HTML 8Page - Analog Devices ADP3164 Datasheet HTML 9Page - Analog Devices ADP3164 Datasheet HTML 10Page - Analog Devices ADP3164 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
ADP3164
–7–
On each of the following cycles of the oscillator, the outputs
cycle between each of the active PWM outputs. In each case,
the current comparator resets the PWM output low when the
VT1 is reached. The current of each phase is sensed with the
same resistor and the same comparator, so the current is
inherently balanced. As the load current increases, the output
voltage starts to decrease. This causes an increase in the output
of the voltage error amplifier (gm), which in turn leads to an
increase in the current comparator threshold VT1, thus tracking
the load current.
Active Current Sharing
The ADP3164 ensures current balance in all the active phases
by sensing the current through a single sense resistor. During
one phase’s ON time, the current through the respective high
side MOSFET and inductor is measured through the sense
resistor. When the comparator threshold is reached, the high
side MOSFET turns off. On the next cycle the ADP3164
switches to the next phase. The current is measured with the
same sense resistor and the same internal comparator, ensuring
accurate matching. This scheme is immune to imbalances in the
MOSFET’s RDS(ON) and inductor parasitic resistance.
If for some reason one of the phases has a short circuit failure,
the other phases will still be limited to their maximum output
current (one over the total number phases times the total short
circuit current limit). If this is not sufficient to supply the load,
the output voltage will droop and cause the PWRGD output to
signal that the output voltage has fallen out of its specified
range. If one of the phases has an open circuit failure, the
ADP3164 will detect the open phase and signal the problem via
the PWRGD pin (see Power Good Monitoring section).
Current Sharing in Multi-VRM Applications
The ADP3164 includes a SHARE pin to allow multiple VRMs
to accurately share load current. In multiple VRM applications,
the SHARE pins should be connected together. This pin is a
low impedance buffered output of the COMP pin voltage. The
output of the buffer is internally connected to set the threshold
of the current sense comparator. The buffer has a 400
µA sink
current, and a 2 mA sourcing capability. The strong pull-up
allows one VRM to control the current threshold set point for
all ADP3164s connected together. The ADP3164’s high accu-
racy current set threshold ensures good current balance between
VRMs. Also, the low impedance of the buffer minimizes noise
pickup on this trace which is routed to multiple VRMs. This
circuit operates in addition to the active current sharing between
phases of each VRM described above.
Short Circuit Protection
The ADP3164 has multiple levels of short circuit protection to
ensure fail-safe operation. The sense resistor and the maximum
current sense threshold voltage given in the specifications set the
peak current limit.
When the load current exceeds the current limit, the excess
current discharges the output capacitor. When the output volt-
age is below the foldback threshold, VFB(LOW), the maximum
deliverable output current is cut by reducing the current sense
threshold from the current limit threshold, VCS(CL), to the fold-
back threshold, VCS(FOLD). Along with the resulting current
foldback, the oscillator frequency is reduced by a factor of five
when the output is 0 V. This further reduces the average current
in short circuit.
Power Good Monitoring
The power good comparator monitors the output voltage of the
supply via the FB pin. The PWRGD pin is an open drain output
whose high level (when connected to a pull-up resistor) indicates
that the output voltage is within the specified range of the nomi-
nal output voltage requested by the VID DAC. PWRGD will go
low if the output is outside this range.
Short circuits in a VRM power path are relatively easy to detect
in applications where multiple VRMs are connected to a com-
mon power plane. VRM power train open failures are not as
easily spotted, since the other VRMs may be able to supply
enough total current to keep the output voltage within the
power good voltage specification even when one VRM is not
functioning. The ADP3164 addresses this problem by monitor-
ing both the output voltage and the switch current to determine
the state of the PWRGD output.
The output voltage portion of the power good monitor domi-
nates; as long as the output voltage is outside the specified
window, PWRGD will remain low. If the output voltage is
within specification, a second circuit checks to make sure that
current is being delivered to the output by each phase. If no
current is detected in a phase for three consecutive cycles, it is
assumed that an open circuit exists somewhere in the power
path, and PWRGD will be pulled low.
Output Crowbar
The ADP3164 includes a crowbar comparator that senses when
the output voltage rises higher than the specified trip threshold,
VCROWBAR. This comparator overrides the control loop and sets
both PWM outputs low. The driver ICs turn off the high side
MOSFETs and turn on the low side MOSFETs, thus pulling
the output down as the reversed current builds up in the induc-
tors. If the output overvoltage is due to a short of the high side
MOSFET, this action will current-limit the input supply or blow
its fuse, protecting the microprocessor from destruction. The
crowbar comparator releases when the output drops below the
specified reset threshold, and the controller returns to normal
operation if the cause of the overvoltage failure does not persist.
Output Disable
The ADP3164 includes an output disable function that turns off
the control loop to bring the output voltage to 0 V. Because an
extra pin is not available, the disable feature is accomplished by
pulling the COMP pin to ground. When the COMP pin drops
below 0.8 V, the oscillator stops and all PWM signals are driven
low. This function does not place the part in low current shut-
down and the reference voltage is still available. The COMP
pin should be pulled down with an open drain type of output
capable of sinking at least 2 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com