Electronic Components Datasheet Search
  English  ▼

X  

ADP3164 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3164
Description  5-Bit Programmable 4-Phase Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3164 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3164 Datasheet HTML 4Page - Analog Devices ADP3164 Datasheet HTML 5Page - Analog Devices ADP3164 Datasheet HTML 6Page - Analog Devices ADP3164 Datasheet HTML 7Page - Analog Devices ADP3164 Datasheet HTML 8Page - Analog Devices ADP3164 Datasheet HTML 9Page - Analog Devices ADP3164 Datasheet HTML 10Page - Analog Devices ADP3164 Datasheet HTML 11Page - Analog Devices ADP3164 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
ADP3164
–8–
IN
VCC
BST
DRVH
SW
DRVL
PGND
U2
ADP3414
NC
7
6
5
1
2
3
4
8
VID4
VID3
VID2
VID1
VID0
SHARE
COMP
GND
FB
CT
VCC
REF
PWM1
PWM2
PWM3
PWM4
PGND
CS–
CS+
PWRGD
3
1
4
5
18
17
16
2
20
19
6
10
7
8
9
11
14
13
12
15
ADP3164
1.5k
RZ
1.2nF
COC
IN
VCC
BST
DRVH
SW
DRVL
PGND
U3
ADP3414
NC
7
6
5
1
2
3
4
8
IN
VCC
BST
DRVH
SW
DRVL
PGND
U4
ADP3414
NC
7
6
5
1
2
3
4
8
IN
VCC
BST
DRVH
SW
DRVL
PGND
U5
ADP3414
DLY
7
6
5
1
2
3
4
8
L2
600nH
Q2
FDB7030L
C14
15nF
R8
2
L3
600nH
Q3
FDB7030L
C17
15nF
R9
2
L4
600nH
Q4
FDB7030L
C20
15nF
R10
2
L5
600nH
Q5
FDB7030L
C23
15nF
R11
2
+
+
R5
20
C7
10nF
C8
1nF
RB
10.5k
C10
100pF
C11
100pF
1k
R3
26.7k
RA
U1
R4
10
C5
4.7 F
+
+
+
C1
C2
C3
VINRTN
VIN12V
L1
1 H
270 F/16V x 3
OS-CON SP SERIES
C13
4.7 F
R6
2k
R7
5m
C12
100nF
Z1
ZMM5263BCT
Q1
FZ649TA
D1
MBR052LTI
C16
4.7 F
D2
MBR052LTI
D3
MBR052LTI
D5
MBR052LTI
C19
4.7 F
C22
4.7 F
C15
100nF
C18
100nF
C21
100nF
820 F/4V x 13
OS-CON SP SERIES
12m ESR (EACH)
C24
C37
VCC(CORE)
1.1V – 1.85V
80A
VCC(CORE)RTN
Q6
FDB8030L
Q8
FDB8030L
Q9
FDB8030L
Q7
FDB8030L
C6
4.7 F
10 F 2
MLCC
NC = NO CONNECT
Figure 2. 80 A Intel VRM 9.1-Compliant CPU Supply Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com