Electronic Components Datasheet Search
  English  ▼

X  

ADP3810 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3810
Description  Secondary Side, Off-Line Battery Charger Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3810 Datasheet(HTML) 5 Page - Analog Devices

  ADP3810 Datasheet HTML 1Page - Analog Devices ADP3810 Datasheet HTML 2Page - Analog Devices ADP3810 Datasheet HTML 3Page - Analog Devices ADP3810 Datasheet HTML 4Page - Analog Devices ADP3810 Datasheet HTML 5Page - Analog Devices ADP3810 Datasheet HTML 6Page - Analog Devices ADP3810 Datasheet HTML 7Page - Analog Devices ADP3810 Datasheet HTML 8Page - Analog Devices ADP3810 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADP3810/ADP3811
–5–
REV. 0
FREQUENCY – Hz
100
80
–60
40
–20
–40
60
20
0
10
1M
10k
0
225
135
180
45
90
100
1k
CCOMP = 0.01µF
TA = +25°C
VCC = +10V
100k
GAIN
PHASE
Figure 11. GM2 Open-Loop Gain and
Phase vs. Frequency
TEMPERATURE –
°C
1.0
0.5
–1.5
–50
–25
100
025
50
75
0
–0.5
–1.0
VCC = +10V
Figure 14. ADP3811 GM2 Offset vs.
Temperature
SUPPLY VOLTAGE, VCC – Volts
2.5
2.0
0
03
18
6
9
12
15
1.5
1.0
0.5
TA = +25°C
Figure 17. ADP3811 VSENSE Bias
Current vs. VCC
TEMPERATURE –
°C
1.0
0.5
–1.5
–50
–25
100
0
255075
0
–0.5
–1.0
VCC = +10V
Figure 12. ADP3810 Voltage Sense
Accuracy vs. Temperature
SUPPLY VOLTAGE, VCC – Volts
1.0
0.5
–1.5
03
18
6
9
12
15
0
–0.5
–1.0
TA = +25°C
Figure 15. ADP3811, GM2 Offset
vs. VCC
VOV% – %
120
60
0
5.0 5.2 5.4 5.6 5.8 6.0 6.2 6.4 6.6 6.8 7.0
100
80
40
20
VCC = +10V
TA = +25°C
Figure 18. Overvoltage Comparator
Distribution (VOV%)
SUPPLY VOLTAGE, VCC – Volts
1.0
0.5
–1.5
03
18
6
9
12
15
0
–0.5
–1.0
TA = +25°C
Figure 13. ADP3810 Voltage Sense
Accuracy vs. VCC
TEMPERATURE –
°C
2.5
2.0
0
–50
–25
100
025
50
75
1.5
1.0
0.5
VCC = +10V
Figure 16. ADP3811 VSENSE Bias
Current vs. Temperature
TEMPERATURE –
°C
12
10
2
–50
–25
100
025
50
75
8
6
4
VCC = +10V
Figure 19. Overvoltage Comparator
Threshold (VOV%) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com