Electronic Components Datasheet Search
  English  ▼

X  

ADP3810 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3810
Description  Secondary Side, Off-Line Battery Charger Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3810 Datasheet(HTML) 4 Page - Analog Devices

  ADP3810 Datasheet HTML 1Page - Analog Devices ADP3810 Datasheet HTML 2Page - Analog Devices ADP3810 Datasheet HTML 3Page - Analog Devices ADP3810 Datasheet HTML 4Page - Analog Devices ADP3810 Datasheet HTML 5Page - Analog Devices ADP3810 Datasheet HTML 6Page - Analog Devices ADP3810 Datasheet HTML 7Page - Analog Devices ADP3810 Datasheet HTML 8Page - Analog Devices ADP3810 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADP3810/ADP3811
–4–
REV. 0
TEMPERATURE –
°C
2.002
1.994
–50
–25
100
025
50
75
2.000
1.998
1.996
2.004
2 TYPICAL PARTS
VCC = +10V
IL = 100µA
CL = 0.1µF
Figure 2. Reference Output Voltage
vs. Temperature for Two Typical Parts
FREQUENCY – Hz
–20
–30
–80
100
1k
1M
10k
100k
–50
–60
–70
–40
VCC = +10V
IL = 100µA
CL = 0.1µF
Figure 5. Reference PSRR vs.
Frequency
TEMPERATURE –
°C
–294
–296
–304
–50
–25
100
025
50
75
–298
–300
–302
VCC = +10V
R3 = 20k
Figure 8. Full-Scale Current Sense
Voltage vs. Temperature
LOAD CURRENT – mA
250
200
0
03
18
6
9
12
15
150
100
50
VCC = +10V
CL = 0.1µF
Figure 3. Reference Drop-Out Volt
age (VCC–VREF) vs. Load Current
FREQUENCY – Hz
3000
2500
0
1
10
10k
100
1k
1500
1000
500
2000
VCC = +10V
IL = 100µA
CL = 0.1µF
Figure 6. Reference Noise Density
vs. Frequency
SUPPLY VOLTAGE, VCC – Volts
–294
–296
–304
24
16
6
8
10
12
14
–298
–300
–302
VCC = +10V
R3 = 20k
Figure 9. Full-Scale Current Sense
Voltage vs. VCC
TEMPERATURE –
°C
0.12
0.04
–50
–25
100
025
50
75
0.10
0.08
0.06
0.14
VCC = +10V
IL = 5mA
CL = 0.1µF
Figure 4. Reference Dropout Voltage
vs. Temperature
CONTROL VOLTAGE, VCTRL – Volts
1.6
1.4
0
0
0.2
1.4
0.4
0.6
0.8
1.0
1.2
1.0
0.2
0.8
0.6
0.4
1.2
RCS = 0.25Ω
R3 = 20k
Figure 7. Charge Current vs. Control
Voltage
FREQUENCY – Hz
100
80
–60
40
–20
–40
60
20
0
10
1M
10k
0
225
135
180
45
90
100
1k
CCOMP = 0.01µF
TA = +25°C
VCC = +10V
100k
GAIN
PHASE
Figure 10. GM1 Open-Loop Gain and
Phase vs. Frequency
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com