Electronic Components Datasheet Search
  English  ▼

X  

ADP3810 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP3810
Description  Secondary Side, Off-Line Battery Charger Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3810 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP3810 Datasheet HTML 8Page - Analog Devices ADP3810 Datasheet HTML 9Page - Analog Devices ADP3810 Datasheet HTML 10Page - Analog Devices ADP3810 Datasheet HTML 11Page - Analog Devices ADP3810 Datasheet HTML 12Page - Analog Devices ADP3810 Datasheet HTML 13Page - Analog Devices ADP3810 Datasheet HTML 14Page - Analog Devices ADP3810 Datasheet HTML 15Page - Analog Devices ADP3810 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADP3810/ADP3811
–16–
REV. 0
Step 14. Calculate value of RC2 to realize GLOSS:
Assuming that CC2 is a short, RC2 forms a resistor divider with
R3, reducing the loop gain. To calculate RC2, simply set the resis-
tor ratio to give an attenuation of 25.5 dB, which is a loss of 1/20.
RC2 =
R 3
20
−1
= 1kΩ
To provide some margin in the circuit for gain fluctuations in
the various stages, the final value of RC2 was adjusted down to
300
Ω.
Step 15. Calculate the value of CC2:
To maintain high dc gain, a capacitor, CC2, is connected in se-
ries with RC2. The zero provided by this RC network should be
close to fCI to provide a phase boost at crossover:
f Z2 ≈1.9 kHz
CC2 =
1
2
π× f
Z2 × RC2
=
1
2
π×1.9kHz × 300 Ω
≈ 200 nF
The pole frequency due to CC2 and R3 can now be calculated
as:
f P2 =
1
2
π× C
C2 × R 3
= 40 Hz
Step 16. Check the current loop phase margin:
Φ
M = 180 − arc tan
f CI
f P2


+ arc tan
f CI
f Z2


− arc tan
f CI
f PM


+arc tan
f CI
f ZM


+ arc tan
f CI
f P1


+ arc tan
f CI
f Z3


Φ
M ≈ 115°
The above formula subtracts the phase of each pole and adds
the phase of each zero. The poles and zeros come in pairs, fP2/fZ2
calculated in Step 15 from CC2/RC2; fPM/fZM calculated in Step 10
due to the output filter cap; and fP1/fZ3 due to CC1/RC1. fP1 is
the same pole that was calculated in Step 9, and fZ3 needs to be
recalculated with the addition of the internal 200
Ω resistor as
follows:
f Z3 =
1
2
π× C
C1 × RC1 + R6
()
= 78 Hz
The final phase margin of 115
° is more than adequate for a
stable current loop. In reality, higher order parasitic poles reduce
the phase margin to significantly less than 115
° for a 1.9 kHz
crossover. The same was not the case for the voltage loop be-
cause the cross over frequency of 100 Hz was well below the
parasitic poles.
A PSpice analysis of the resulting loop gain and phase for the
values calculated is shown in Figure 33.
FREQUENCY – Hz
–50
0.01
100k
0.1
1
10
100
10k
100
50
0
0
180
100
1k
0dB CROSSOVER
PHASE MARGIN = 105
Figure 33. Current Loop Gain/Phase Plots
8-Lead Small Outline IC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com