Electronic Components Datasheet Search
  English  ▼

X  

ADP3810 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3810
Description  Secondary Side, Off-Line Battery Charger Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3810 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3810 Datasheet HTML 7Page - Analog Devices ADP3810 Datasheet HTML 8Page - Analog Devices ADP3810 Datasheet HTML 9Page - Analog Devices ADP3810 Datasheet HTML 10Page - Analog Devices ADP3810 Datasheet HTML 11Page - Analog Devices ADP3810 Datasheet HTML 12Page - Analog Devices ADP3810 Datasheet HTML 13Page - Analog Devices ADP3810 Datasheet HTML 14Page - Analog Devices ADP3810 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP3810/ADP3811
–11–
REV. 0
10
0%
100
90
50msec/DIV
2V/DIV
10V
6V
TA = +25 C
VIN = 220VAC
VCTRL = 1V
0V
Figure 27. Output Voltage Transient Response to Battery
Connect/Disconnect
NONISOLATED TOPOLOGIES
Buck Switching Regulators
The ADP3810/ADP3811 and the ADP1148 can be combined
to create a high efficiency buck regulator battery charger as
shown in Figure 28. The ADP1148 is a high efficiency, synchro-
nous, step-down regulator that controls two external MOSFETs
as shown. Similar to the previous flyback circuit, the ADP3810
controls the average charge current and the final battery voltage,
and the ADP1148 controls the cycle by cycle current. The fol-
lowing discussion explains the functionality of the circuit but
does not go into detail on the ADP1148. For more information,
the ADP1148 data sheet details the operation of the device and
gives formulas for choosing the external components.
The resistor RSENSE sets the cycle by cycle current limit to 1.5 A,
which is far enough above the 1 A average current of the
ADP3810 loop to avoid interfering but still provides a safe
maximum current to protect the external components. The
ADP3810 uses a 0.25
Ω resistor, R
CS, to sense the battery cur-
rent. As before, a 20 k
Ω resistor is needed between R
CS and the
VCS input of the ADP3810. The RC network from VCS to ground
performs the dual function of filtering and compensation.
The voltage loop directly senses the battery voltage. Since the
ADP3810 is used in this circuit instead of the ADP3811, VSENSE
is connected directly to the battery. The internal resistors set the
battery voltage to 8.4 V in this case. Of course, other voltage
options could be used, or the ADP3811 could be substituted
with external resistors for a user set voltage. Notice the two
grounds in the circuit. One ground is for the high current re-
turn to the VIN source and the other ground for the ADP3810
circuitry. RCS separates the two grounds, and it is important to
keep them separate as shown.
The adjustable version of the ADP1148 is used in this circuit in-
stead of a fixed output version. The output voltage is fed back
into the VFB pin, which is set to regulate at VBAT MAX + 0.5 V.
Doing so provides a secondary, higher voltage limit without
interfering with normal circuit operation. The control output of
the ADP3810 is connected through a 560
Ω resistor to the
SENSE+ input of the ADP1148. The current, IOUT, adjusts the
dc level on the SENSE+ pin, which is added to the current
ramp across RSENSE. Higher IOUT increases the voltage on
SENSE+ and reduces the duty cycle of the 1148, giving nega-
tive feedback.
The circuit as shown can quickly and safely charge LiIon batter-
ies while maintaining high efficiency. The efficiency of the
ADP1148 is only degraded slightly by the addition of the
ADP3810 and external circuitry. The 1.5 mA of supply current
lowers the overall efficiency by approximately 1%–2% for maxi-
mum output current. The 0.25
Ω sense resistor further lowers
the efficiency due to the I
2
× R
CS power loss at high output cur-
rents. See the efficiency discussion in the ADP1148 data sheet
for more information.
Linear Regulator
A third charging circuit is shown in Figure 29. In this case, the
switching supply is replaced with a linear regulator. The ADP3811
drives the gate of an N-channel MOSFET using an external
2N3904. As before, the ADP3811 senses the charge current
through a 0.25
Ω resistor. When the current increases above the
limit, the internal GM amplifier causes the output to go high.
This puts more voltage across R8, increasing the current in Q1.
As the current increases, the gate of M1 is pulled lower, reduc-
ing the gate to source voltage and decreasing the charge current
to complete the feedback loop. Because the ADP3811 has a
current output, an external 1 k
Ω resistor is needed from the
OUT pin to ground in order to convert the current to a voltage.
20k
Ω
100
Ω
RC1
2k
Ω
RSENSE**
50 m
Ω
CIN
100µF
CC1
1µF
0.1µF
CT
68pF
0.1µF
CC2
220nF
* COILTRONICS CTX-68-4
** KRL SL-1-C1-0R068J
0.1µF
VCC
VSENSE
+VIN
GND
VCS
VREF
VCTRL
COMP
OUT
ADP3810
VCTRL
(0V TO 1V)
REF & CTRL
RTN
RC2
560
Ω
SHUTDOWN
VFB
P DRIVE
VIN
SENSE+
SENSE–
N DRIVE
S GND
P GND
CT
1000pF
N CH
IRF7403
P CH
IRF7204
0V = NORMAL
>1.5V = SHUTDOWN
560
Ω
L*
62µH
COUT
220µF
100
Ω
BATTERY
VBAT
1µF
VREF
VIN
RTN
ADP1148
D1
10BQ040
RCS
0.25
Ω
75k
Ω
10
k
Ω
Figure 28. High Efficiency Buck Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com