Electronic Components Datasheet Search
  English  ▼

X  

ADP3810 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3810
Description  Secondary Side, Off-Line Battery Charger Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3810 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3810 Datasheet HTML 6Page - Analog Devices ADP3810 Datasheet HTML 7Page - Analog Devices ADP3810 Datasheet HTML 8Page - Analog Devices ADP3810 Datasheet HTML 9Page - Analog Devices ADP3810 Datasheet HTML 10Page - Analog Devices ADP3810 Datasheet HTML 11Page - Analog Devices ADP3810 Datasheet HTML 12Page - Analog Devices ADP3810 Datasheet HTML 13Page - Analog Devices ADP3810 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP3810/ADP3811
–10–
REV. 0
battery voltage is at least 1.5 V with a programmed charge cur-
rent of 0.1 A. For a higher programmed charge current, the
battery voltage can drop below 1.5 V, and VCC is still maintained
above 2.7 V. This is because of the additional energy in the
flyback transformer, which transfers more energy through the
10 nF capacitor to VCC. The 22
µF bypass capacitor on V
CC
stores the energy transferred through the 10 nF capacitor.
Secondary Side Component Calculations
Design Criteria:
Charging a 6 cell NiCad battery.
Max Individual Cell Voltage:
VCELLMAX = 1.67 V
Max Battery Stack Voltage:
VOMAX = 6
× 1.67 V = 10 V
Max Charge Current:
IOMAX = 1 A
Max Control Voltage:
VCTRL = 1 V (for IOMAX = 1 A)
RS Fixed Value:
RS = 20 k
Ω
Pick a Value for R1:
R1 = 80.6 k
Ω
The voltage limit of 10 V is approximately 10% above the maxi-
mum fully charged voltage when –
∆V/∆t termination is used.
This limit gives a second level of protection without interfering
with –
∆V/∆t charge termination.
Component Value Calculations:
Current Sense Resistor:
RCS = VCTRL/(4 × IOMAX) = 1/(4 × 1)
= 0.25 W, 1%, 0.5 W
Battery Divider, R2:
R2 = VREF
× R1/(V
OMAX–VREF)
R2 = 2
× 80.6 kΩ/(10 V–2 V) =
20.15 k
Ω, Pick 20.0 kΩ
The final voltage and charge current accuracy is dependent
upon the resistor tolerances. Choose appropriate tolerances for
the desired accuracy. One percent accuracy is recommended.
Charger Performance Summary
The charger circuit properly executes the charging algorithm ex-
hibiting stable operation regardless of battery conditions, includ-
ing an open circuit load. The circuit can charge to other battery
voltages by modifying only the battery voltage sense divider. As
would be expected, circuit efficiency is best at high battery volt-
ages. Replacing the output blocking rectifier diode with a
Schottky would improve efficiency if the Schottky’s leakage
could be tolerated, and its reverse voltage rating met the appli-
cation requirement.
VOUT
1.0
0.3
0.0
211
3
456
789
10
0.9
0.4
0.2
0.1
0.8
0.6
0.7
0.5
VCTRL = 0.125V
VCTRL = 0.25V
VCTRL = 0.5V
VCTRL = 1.0V
Figure 24. Charge Current vs. Battery Voltage at Four Set-
tings for the Flyback Charger in Figure 23
The Battery Charge Current vs. Battery Voltage characteristics
for four different charge current settings are given in Figure 24.
The high gain of the internal amplifiers ensures the sharp transi-
tion between current mode and voltage mode regardless of the
charge current setting. The fact that the current remains at full
charging until the battery is very close to its final voltage ensures
fast charging times.
The transient performance for various turn-on and turn-off con-
ditions is detailed in Figures 25, 26 and 27. Figure 25 shows
the output voltage when power is applied with no battery con-
nected. As shown, the output voltage quickly rises and over-
shoots its set voltage. The internal comparator responds to this
and clamps the voltage giving a quick recovery. Without the in-
ternal comparator, an external zener would be required to clamp
the voltage to the LED anode. Figure 26 shows the battery cur-
rent when connecting and disconnecting a battery. The actual
trace shown is the voltage across RCS, which is negative for cur-
rent flowing into the battery. There is an overshoot when the
battery is connected, but the loop quickly takes control and lim-
its the average current to the programmed 0.75 A. When the
battery is removed, the current quickly returns to zero. The
solid band on the scope is due to the current rising and falling
with the switching of the PWM. The time scale is too slow to
show the detail of this. Figure 27 shows the output voltage
when a battery stack charged to 6 V is connected and then dis-
connected. As expected, when the battery is connected, the
voltage immediately goes to 6 V. When the battery is discon-
nected, the voltage returns to the programmed float voltage of
10 V. Again, a small overshoot is present that is clamped by the
internal comparator.
10
0%
100
90
0.1sec/DIV
2V/DIV
TA = +25 C
NO BATTERY
VIN = 220VAC
10V
0V
Figure 25. Flyback Charger Output Voltage Transient at
Power Turn On, No Battery Attached
10
0%
100
90
20msec/DIV
0.2V/DIV
0.0V
–200mV
TA = +25 C
VCTRL = 0.775V
VIN = 220VAC
Figure 26. Charge Current Transient Response to Battery
Connect/Disconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com