Electronic Components Datasheet Search
  English  ▼

X  

ADV7160 Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7160
Description  96-Bit, 220 MHz True-Color Video RAM-DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7160 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7160 Datasheet HTML 35Page - Analog Devices ADV7160 Datasheet HTML 36Page - Analog Devices ADV7160 Datasheet HTML 37Page - Analog Devices ADV7160 Datasheet HTML 38Page - Analog Devices ADV7160 Datasheet HTML 39Page - Analog Devices ADV7160 Datasheet HTML 40Page - Analog Devices ADV7160 Datasheet HTML 41Page - Analog Devices ADV7160 Datasheet HTML 42Page - Analog Devices ADV7160 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
ADV7160/ADV7162
REV. 0
–39–
Example
Color Mode: 24-Bit Gamma Corrected True Color (30-Bits) through Color Palette
Multiplexing: 2:1, Databus: 10-Bit, RAM-DAC Resolution: 10-Bit,
SYNC: on Green, Pedestal: 0 IRE, Calibration: Every Vertical Sync, Internal PLL: 220 MHz (Reference = 15 MHz)
Register Initialization
C1 C0
R/W
Comment
Write 07H to Mode Register (MR1)
1
1
0
Resets ADV7162*
Write 06H to Mode Register (MR1)
1
1
0
10-Bit Data Bus, 10-Bit DAC Resolution
Write 07H to Mode Register (MR1)
1
1
0
Write 05H to Address Register (A7–A0)
0
0
0
Address Reg points to Command Register 1 (CR1)
Write 09H to Command Register 1 (CR1)
0
0
0
High byte access, Calibrate every Vertical Sync
Write 06H to Address Register (A7–A0)
0
0
0
Write 00H to Address Register (A10–A8)
0
0
0
Address Reg points to Command Register 2 (CR2)
Write E4H to Command Reg 2 (CR2)
1
0
0
24-Bit True Color, 0 IRE, Sync on Green
Write 07H to Address Register (A7–A0)
0
0
0
Write 00H to Address Register (A10–A8)
0
0
0
Address Reg points to Command Register 3 (CR3)
Write 40H to Command Reg 3 (CR3)
1
0
0
2:1 Muxing, PRGCKOUT = CLOCK
÷ 4
Write 08H to Address Register (A7–A0)
0
0
0
Write 00H to Address Register (A10–A8)
0
0
0
Address Reg points to Command Register 4 (CR4)
Write 00H to Command Reg 4 (CR4)
1
0
0
DAC GAIN = 3996
Write 0DH to Address Register (A7–A0)
0
0
0
Write 00H to Address Register (A10–A8)
0
0
0
Address Reg points to Command Register 5 (CR5)
Write 40H to Command Reg 5 (CR5)
1
0
0
Internal PLL to be used
Write 04H to Address Register (A7–A0)
0
0
0
Write 00H to Address Register (A10–A8)
0
0
0
Address Reg points to Pixel Mask Register
Write FFH to Pixel Mask Register
1
0
0
Set up Pixel Mask
Write 0FH to Address Register (A7–A0)
0
0
0
Write 00H to Address Register (A10–A8)
0
0
0
Address Reg points to PLL V Register
Write 09H to PLL V Register
1
0
0
Set up V value
Write 0CH to Address Register (A7–A0)
0
0
0
Write 00H to Address Register (A10–A8)
0
0
0
Address Reg points to PLL R Register
Write 01H to PLL R Register
1
0
0
Set up R value
Write 09H to Address Register (A7–A0)
0
0
0
Write 00H to Address Register (A10–A8)
0
0
0
Address Reg points to PLL Command Register (PCR)
Write 06H to PLL Command Register
1
0
0
Set up PCR as required
Color Palette RAM Initialization
C1 C0
R/W
Comment
Write 00H to Address Register (A7–A0)
0
0
0
Write 00H to Address Register (A10–A8)
0
0
0
Points to Color Palette RAM
Write 00H (red data) to RAM location (00H)
0
1
0
(Initializes Palette RAM
Write 00H (green data) to RAM location (00H)
0
1
0
(to a Linear Ramp**
Write 00H (blue data) to RAM location (00H)
0
1
0
(
Write 01H (red data) to RAM location (01H)
0
1
0
(
Write 01H (green data) to RAM location (01H)
0
1
0
(
Write 01H (blue data) to RAM location (01H)
0
1
0
(
..
.
(
..
.
(
Write FFH (red data) to RAM location (FFH)
0
1
0
(
Write FFH (green data) to RAM location (FFH)
0
1
0
(
Write FFH (blue data) to RAM location (FFH)
0
1
0
( RAM Initialization Complete
**These command lines reset the ADV7162. The pipelines for each of the Red, Green & Blue pixel inputs are synchronously reset to the Multiplexer's “A” input.
Mode Register bit MR10 is written by a “1” followed by “0” followed by “1.”
**This sequence of instructions would, of course, normally be coded using some form of loop instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com